Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 15Page - STMicroelectronics VL6180 Datasheet HTML 16Page - STMicroelectronics VL6180 Datasheet HTML 17Page - STMicroelectronics VL6180 Datasheet HTML 18Page - STMicroelectronics VL6180 Datasheet HTML 19Page - STMicroelectronics VL6180 Datasheet HTML 20Page - STMicroelectronics VL6180 Datasheet HTML 21Page - STMicroelectronics VL6180 Datasheet HTML 22Page - STMicroelectronics VL6180 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
DocID024986 Rev 14
19/73
VL6180
Functional description
69
Figure 12. Asynchronous mode
2.6
Range timing
Figure 13 gives a breakdown of total execution time for a single range measurement.
The pre-calibration phase is fixed (3.2 ms).
The range convergence time is variable and depends on target distance/reflectance
(see Table 7).
The recommended readout averaging period is 4.3 ms. Readout averaging helps to
reduce measurement noise. The recommended setting for
READOUT__AVERAGING_SAMPLE_PERIOD{0x10A}
is 48(c) but is programmable in
the range 0-255. Note however that lower settings will result in increased noise.
Register READOUT__AVERAGING_SAMPLE_PERIOD{0x10A} is not programmable via the
API.
Note:
When a target is detected the API returns the actual range convergence time. The
convergence time returned by the API does not include the readout average. Range
convergence and readout averaging must be completed within the specified max
convergence time.
VL6180x_RangeSetMaxConvergenceTime() - sets maximum time to run measurement in
all ranging modes. Range = 1 - 63 ms; measurement aborted when limit reached. Effective
max convergence time depends on the actual convergence time plus readout averaging
sample period setting.
c. Default readout averaging period is calculated as follows: 1300 µs + (48 x 64.5 µs) = 4.3 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com