Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 71 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 65Page - STMicroelectronics VL6180 Datasheet HTML 66Page - STMicroelectronics VL6180 Datasheet HTML 67Page - STMicroelectronics VL6180 Datasheet HTML 68Page - STMicroelectronics VL6180 Datasheet HTML 69Page - STMicroelectronics VL6180 Datasheet HTML 70Page - STMicroelectronics VL6180 Datasheet HTML 71Page - STMicroelectronics VL6180 Datasheet HTML 72Page - STMicroelectronics VL6180 Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
DocID024986 Rev 14
71/73
VL6180
Revision history
72
11
Revision history
Table 28. Document revision history
Date
Revision
Changes
23-Sep-2013
1
Initial release.
30-Jan-2014
1.1
General update for latest ROM revision:
Section 1.1: Technical specification updated
Section 1.4: Typical application schematic updated
Section 1.5: Recommended solder pad dimensions updated
Notes added to Figure 5.: Recommended reflow profile
Section 4: I2C control interface updated.
Section 5.1: Absolute maximum ratings added
Section 5.2: Normal operating conditions extended
Section 4: I2C control interface added
Revised outline drawing added to Section 7: Outline drawing
Class 1 laser product label added to Section Figure 29.: Outline
drawing - module - VL6180V1NR/1 - (page 1/2)
Section 8.1: Compliance added information relating to device
marking and package labeling
20-Feb-2014
1.2
Section 6.2.32: RESULT__INTERRUPT_STATUS_GPIO
corrected error codes.
Section 4: I2C control interface updated to show ranging beyond
100mm.
Section 6.2.20: SYSRANGE__MAX_CONVERGENCE_TIME
updated.
28-Feb-2014
1.3
Section Figure 21.: Typical ranging performance updated to add
the concept of detection rate..
24-Mar-2014
2
Update to the following sections:
Section 1.5: Recommended solder pad dimensions
Section 5.2: Normal operating conditions
Section 5.3: Electrical characteristics
Section 3.1: Proximity ranging (0 to 100mm)
Section Figure 21.: Typical ranging performance
Added 11: Revision history and Appendix B: Extended range
settings
10-Jun-2014
3
Added outline drawing of 2nd module cap supplier in Section 7:
Outline drawing
Added Section 8.1: Compliance
12-Jun-2014
4
Update with single outline drawing
7-Jul-2014
5
Updates:
Figure 32: Part marking
Figure 34: Package labeling
20-Aug-2014
6
Updates:
Section 2: Functional description
Section 6: Device registers
Typical ranging performance graph updated.
Delivery & manufacturing info updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com