Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 28 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 28 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 24Page - Texas Instruments DRA821U4...ALM Datasheet HTML 25Page - Texas Instruments DRA821U4...ALM Datasheet HTML 26Page - Texas Instruments DRA821U4...ALM Datasheet HTML 27Page - Texas Instruments DRA821U4...ALM Datasheet HTML 28Page - Texas Instruments DRA821U4...ALM Datasheet HTML 29Page - Texas Instruments DRA821U4...ALM Datasheet HTML 30Page - Texas Instruments DRA821U4...ALM Datasheet HTML 31Page - Texas Instruments DRA821U4...ALM Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 252 page
background image
Table 6-1. Pin Attributes (continued)
BALL
NUMBER
[1]
BALL
NAME
[2]
SIGNAL
NAME
[3]
MUX
MODE
[4]
TYPE
[5]
BALL
RESET
STATE
[6]
BALL
RESET
REL. MUX
MODE
[7]
I/O
VOLTAGE
VALUE
[8]
POWER
[9]
HYS
[10]
BUFFER
TYPE
[11]
PULL
UP/DOWN
TYPE
[12]
DSIS
[13]
RX
ACTIVE/
TX
DISABLE
[14]
IO
RET
[15]
A8
MCU_OSPI0_D6
MCU_OSPI0_D6
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1_MCU
Yes
LVCMOS
PU/PD
0
1/0
MCU_HYPERBUS0_DQ6
1
IO
0
WKUP_GPIO0_25
7
IO
pad
A7
MCU_OSPI0_D7
MCU_OSPI0_D7
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1_MCU
Yes
LVCMOS
PU/PD
0
1/0
MCU_HYPERBUS0_DQ7
1
IO
0
WKUP_GPIO0_26
7
IO
pad
G19
MCU_PORz
MCU_PORz
I
1.8 V
VDDA_WKUP,
VDDA_POR_WKUP
Yes
FS RESET
B13
MCU_RESETSTATz
MCU_RESETSTATz
0
O
PD
0
1.8 V/3.3 V
VDDSHV0_MCU
Yes
LVCMOS
PU/PD
WKUP_GPIO0_79
7
IO
pad
A18
MCU_RESETz
MCU_RESETz
0
I
0
1.8 V/3.3 V
VDDSHV0_MCU
Yes
LVCMOS
PU/PD
B10
MCU_RGMII1_RXC
MCU_RGMII1_RXC
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2_MCU
Yes
LVCMOS
PU/PD
0
1/0
MCU_RMII1_REF_CLK
1
I
0
WKUP_GPIO0_49
7
IO
pad
A11
MCU_RGMII1_RX_CTL
MCU_RGMII1_RX_CTL
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2_MCU
Yes
LVCMOS
PU/PD
0
1/0
MCU_RMII1_RX_ER
1
I
0
WKUP_GPIO0_43
7
IO
pad
A12
MCU_RGMII1_TXC
MCU_RGMII1_TXC
0
O
OFF
7
1.8 V/3.3 V
VDDSHV2_MCU
Yes
LVCMOS
PU/PD
1/0
MCU_RMII1_TX_EN
1
O
WKUP_GPIO0_48
7
IO
pad
D11
MCU_RGMII1_TX_CTL
MCU_RGMII1_TX_CTL
0
O
OFF
7
1.8 V/3.3 V
VDDSHV2_MCU
Yes
LVCMOS
PU/PD
1/0
MCU_RMII1_CRS_DV
1
I
0
WKUP_GPIO0_29
7
IO
pad
A9
MCU_RGMII1_RD0
MCU_RGMII1_RD0
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2_MCU
Yes
LVCMOS
PU/PD
0
1/0
MCU_RMII1_RXD0
1
I
0
WKUP_GPIO0_53
7
IO
pad
B9
MCU_RGMII1_RD1
MCU_RGMII1_RD1
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2_MCU
Yes
LVCMOS
PU/PD
0
1/0
MCU_RMII1_RXD1
1
I
0
WKUP_GPIO0_52
7
IO
pad
A10
MCU_RGMII1_RD2
MCU_RGMII1_RD2
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2_MCU
Yes
LVCMOS
PU/PD
0
1/0
MCU_TIMER_IO5
1
IO
0
WKUP_GPIO0_51
7
IO
pad
C10
MCU_RGMII1_RD3
MCU_RGMII1_RD3
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2_MCU
Yes
LVCMOS
PU/PD
0
1/0
MCU_TIMER_IO4
1
IO
0
WKUP_GPIO0_50
7
IO
pad
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com