Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 68 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 68 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 64Page - Texas Instruments DRA821U4...ALM Datasheet HTML 65Page - Texas Instruments DRA821U4...ALM Datasheet HTML 66Page - Texas Instruments DRA821U4...ALM Datasheet HTML 67Page - Texas Instruments DRA821U4...ALM Datasheet HTML 68Page - Texas Instruments DRA821U4...ALM Datasheet HTML 69Page - Texas Instruments DRA821U4...ALM Datasheet HTML 70Page - Texas Instruments DRA821U4...ALM Datasheet HTML 71Page - Texas Instruments DRA821U4...ALM Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 252 page
background image
Table 6-75. EPWM4 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM_TZn_IN4
EHRPWM Trip Zone Input 4 (active low)
I
U16
Table 6-76. EPWM5 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM5_A
EHRPWM Output A
IO
U14
EHRPWM5_B
EHRPWM Output B
IO
T13
EHRPWM_TZn_IN5
EHRPWM Trip Zone Input 5 (active low)
I
V19
6.3.15 USB
6.3.15.1 MAIN Domain
Note
USB3 functionality is available on the SERDES pins. For more information, refer to Section 6.3.16,
SERDES.
Table 6-77. USB0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
USB0_DM
USB 2.0 Differential Data (negative)
IO
AA3
USB0_DP
USB 2.0 Differential Data (positive)
IO
AA2
USB0_DRVVBUS
USB VBUS control output (active high)
O
T4, U13
USB0_ID
USB 2.0 Dual-Role Device Role Select
A
V6
USB0_RCALIB
(2)
Pin to connect to calibration resistor
IO
V5
USB0_VBUS
(1)
USB Level-shifted VBUS Input
A
Y2
(1)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 9.3.3, USB
Design Guidelines.
(2)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
6.3.16 SERDES
Note
The functionality of these pins is controlled by SERDES0_LN[4:0]_CTRL LANE_FUNC_SEL.
6.3.16.1 MAIN Domain
Table 6-78. SERDES0 Lane0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SERDES0_RX0_N
SERDES Differential Receive Data (negative)
I
AA11
SERDES0_RX0_P
SERDES Differential Receive Data (positive)
I
AA12
SERDES0_TX0_N
SERDES Differential Transmit Data (negative)
O
W11
SERDES0_TX0_P
SERDES Differential Transmit Data (positive)
O
W12
Table 6-79. SERDES0 Lane1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
SERDES0_RX1_N
SERDES Differential Receive Data (negative)
I
W8
SERDES0_RX1_P
SERDES Differential Receive Data (positive)
I
W9
SERDES0_TX1_N
SERDES Differential Transmit Data (negative)
O
Y10
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
68
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com