Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 1 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 1 Page - Texas Instruments

  DRA821U4...ALM Datasheet HTML 1Page - Texas Instruments DRA821U4...ALM Datasheet HTML 2Page - Texas Instruments DRA821U4...ALM Datasheet HTML 3Page - Texas Instruments DRA821U4...ALM Datasheet HTML 4Page - Texas Instruments DRA821U4...ALM Datasheet HTML 5Page - Texas Instruments DRA821U4...ALM Datasheet HTML 6Page - Texas Instruments DRA821U4...ALM Datasheet HTML 7Page - Texas Instruments DRA821U4...ALM Datasheet HTML 8Page - Texas Instruments DRA821U4...ALM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 252 page
background image
DRA821 Jacinto™ Processors
1 Features
Processor cores:
• Dual 64-bit Arm® Cortex®-A72 microprocessor
subsystem at up to 2.0 GHz, 24K DMIPS
– 1MB L2 shared cache per dual-core Cortex®-
A72 cluster
– 32KB L1 DCache and 48KB L1 ICache per A72
core
• 4× Arm® Cortex®-R5F MCUs at up to 1.0 GHz with
optional lockstep operation, 8K DMIPS
– 32K I-Cache, 32K D-Cache, 64K L2 TCM
– 2× Arm® Cortex®-R5F MCUs in isolated MCU
subsystem
– 2× Arm® Cortex®-R5F MCUs in general
compute partition
Memory subsystem:
• 1MB of On-Chip L3 RAM with ECC and coherency
– ECC error protection
– Shared coherent cache
– Supports internal DMA engine
• External Memory Interface (EMIF) module with
ECC
– Supports LPDDR4 memory types that comply
with the JESD209-4B specification. (No support
for byte mode LPDDR4 memories, or memories
with more than 17 row address bits)
– Supports speeds up to 3200 MT/s
– 32-bit and 16-bit data bus with inline ECC bus
up to 12.8GB/s
• General-Purpose Memory Controller (GPMC)
• 512KB on-chip SRAM in MAIN domain, protected
by ECC
Virtualization:
• Hypervisor support in Arm® Cortex®-A72
• Independent processing subsystems with Arm®
Cortex®-A72, Arm® Cortex®-R5F with isolated
safety MCU island
• IO virtualization support
– Peripheral Virtualization Unit (PVU) for low
latency high bandwidth peripheral traffic
• Multi-region firewall support for memory and
peripheral isolation
• Virtualization support with Ethernet, PCIe, and
DMA
• Device security (on select part numbers):
• Secure boot with secure runtime support
• Customer programmable root key, up to RSA-4K
or ECC-512
• Embedded hardware security module
• Crypto hardware accelerators – PKA with ECC,
AES, SHA, RNG, DES and 3DES
Functional Safety:
• Functional Safety-Compliant targeted (on select
part numbers)
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262 and IEC 61508 functional safety system
design up to ASIL-D/SIL-3 targeted
– Systematic capability up to ASIL-D/SIL-3
targeted
– Hardware integrity up to ASIL-D/SIL-3 targeted
for MCU Domain
– Hardware integrity up to ASIL-D/SIL-3 targeted
for Extended MCU (EMCU) portion of the Main
Domain
– Hardware integrity up to ASIL-B/SIL-2 targeted
for remainder of the Main Domain
– FFI isolation provided between EMCU and the
remainder of the Main Domain
– Safety-related certification
• ISO 26262 and IEC 61508 planned
• AEC-Q100 qualified on part number variants
ending in Q1
• High-speed interfaces:
– Integrated Ethernet TSN/AVB switch supporting
up to 4 (DRA821U4) or 2 (DRA821U2) external
ports:
• One port supports 5Gb, 10Gb USXGMII/XFI
• All ports support 2.5Gb SGMII
• All ports support 1Gb SGMII/RGMII
• DRA821U4: Any single port can support
QSGMII (using all 4 internal ports)
• Non-blocking wire-rate store and forward
switch
• InterVLAN (Layer3) routing support
• Time synchronization support with IEEE
1588(annex D,E,F)
• TSN/AVB support for traffic scheduling,
shaping
• Port mirroring feature for debug and
diagnostics
• Policing and rate limiting support
– One RGMII/RMII port in safety MCU island
• One PCI-Express® Gen3 controller
– Gen1, Gen2, and Gen3 operation with auto-
negotiation
– 4× lanes
• One USB 3.1 Gen1 dual-role device subsystem
– Supports type-C switching
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - DRA821U4...ALM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA821U4 TI-DRA821U4 Datasheet
4Mb / 253P
DRA821 Jacinto™ Processors
REVISED JUNE 2023
DRA821U4-Q1 TI-DRA821U4-Q1 Datasheet
4Mb / 253P
DRA821 Jacinto™ Processors
REVISED JUNE 2023
DRA821U4TCBALMQ1 TI-DRA821U4TCBALMQ1 Datasheet
4Mb / 254P
DRA821 Jacinto™ Processors
REVISED DECEMBER 2022
DRA821U4TCBALMQ1 TI-DRA821U4TCBALMQ1 Datasheet
4Mb / 253P
DRA821 Jacinto™ Processors
REVISED JUNE 2023
DRA821U4TCBALMRQ1 TI-DRA821U4TCBALMRQ1 Datasheet
4Mb / 254P
DRA821 Jacinto™ Processors
REVISED DECEMBER 2022
More results

Similar Description - DRA821U4...ALM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA829V TI1-DRA829V Datasheet
3Mb / 309P
DRA829V Jacinto??Automotive Processors Silicon Revision 1.0
DRA821U TI-DRA821U Datasheet
4Mb / 228P
DRA821 Jacinto??Processors
DRA829J TI-DRA829J Datasheet
6Mb / 291P
DRA829 Jacinto??Processors Silicon Revisions 1.0 and 1.1
DRA829J TI1-DRA829J_V02 Datasheet
6Mb / 319P
DRA829 Jacinto??Processors Silicon Revisions 1.0 and 1.1
DRA829J TI-DRA829J_V04 Datasheet
6Mb / 319P
DRA829 Jacinto??Processors Silicon Revisions 1.0 and 1.1
AUGUST 2021
TDA4VE-Q1 TI-TDA4VE-Q1 Datasheet
4Mb / 251P
TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
DECEMBER 2022
TDA4VH-Q1 TI-TDA4VH-Q1 Datasheet
5Mb / 296P
TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
TDA4VH-Q1 TI-TDA4VH-Q1_V01 Datasheet
5Mb / 297P
TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
DRA821U-Q1 TI-DRA821U-Q1_V01 Datasheet
4Mb / 254P
DRA821 Jacinto™ Processors
REVISED DECEMBER 2022
DRA821U-Q1 TI-DRA821U-Q1_V02 Datasheet
4Mb / 253P
DRA821 Jacinto™ Processors
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com