Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 77 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 77 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 73Page - Texas Instruments DRA821U4...ALM Datasheet HTML 74Page - Texas Instruments DRA821U4...ALM Datasheet HTML 75Page - Texas Instruments DRA821U4...ALM Datasheet HTML 76Page - Texas Instruments DRA821U4...ALM Datasheet HTML 77Page - Texas Instruments DRA821U4...ALM Datasheet HTML 78Page - Texas Instruments DRA821U4...ALM Datasheet HTML 79Page - Texas Instruments DRA821U4...ALM Datasheet HTML 80Page - Texas Instruments DRA821U4...ALM Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 252 page
background image
Table 6-96. Trace Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
TRC_DATA15
Trace Data 15
O
T15
TRC_DATA16
Trace Data 16
O
U20
TRC_DATA17
Trace Data 17
O
V21
TRC_DATA18
Trace Data 18
O
U16
TRC_DATA19
Trace Data 19
O
U14
TRC_DATA20
Trace Data 20
O
T13
TRC_DATA21
Trace Data 21
O
V19
TRC_DATA22
Trace Data 22
O
W14
TRC_DATA23
Trace Data 23
O
W19
6.3.25 System and Miscellaneous
6.3.25.1 Boot Mode Configuration
6.3.25.1.1 MAIN Domain
Table 6-97. Sysboot Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
BOOTMODE00
Bootmode pin 0
I
D8
BOOTMODE01
Bootmode pin 1
I
C7
BOOTMODE02
Bootmode pin 2
I
A6
BOOTMODE03
Bootmode pin 3
I
B8
BOOTMODE04
Bootmode pin 4
I
D21
BOOTMODE05
Bootmode pin 5
I
E19
BOOTMODE06
Bootmode pin 6
I
D18
BOOTMODE07
Bootmode pin 7
I
C17
6.3.25.1.2 MCU Domain
Table 6-98. Sysboot Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_BOOTMODE00
Bootmode pin 00
I
C13
MCU_BOOTMODE01
Bootmode pin 01
I
A20
MCU_BOOTMODE02
Bootmode pin 02
I
B17
MCU_BOOTMODE03
Bootmode pin 03
I
B18
MCU_BOOTMODE04
Bootmode pin 04
I
B19
MCU_BOOTMODE05
Bootmode pin 05
I
D14
MCU_BOOTMODE06
Bootmode pin 06
I
E20
MCU_BOOTMODE07
Bootmode pin 07
I
E21
MCU_BOOTMODE08
Bootmode pin 08
I
D19
MCU_BOOTMODE09
Bootmode pin 09
I
D20
6.3.25.2 Clock
6.3.25.2.1 MAIN Domain
Table 6-99. Clock1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
OSC1_XI
High frequency oscillator input
I
K19
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com