Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 96 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 96 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 92Page - Texas Instruments DRA821U4...ALM Datasheet HTML 93Page - Texas Instruments DRA821U4...ALM Datasheet HTML 94Page - Texas Instruments DRA821U4...ALM Datasheet HTML 95Page - Texas Instruments DRA821U4...ALM Datasheet HTML 96Page - Texas Instruments DRA821U4...ALM Datasheet HTML 97Page - Texas Instruments DRA821U4...ALM Datasheet HTML 98Page - Texas Instruments DRA821U4...ALM Datasheet HTML 99Page - Texas Instruments DRA821U4...ALM Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 252 page
background image
Fail-safe IO terminals are designed such they do not have dependencies on the respective IO power
supply voltage. This allows external voltage sources to be connected to these IO terminals when the
respective IO power supplies are turned off. The I2C0_SCL, I2C0_SDA, WKUP_I2C0_SCL, WKUP_I2C0_SDA,
MCU_I2C0_SCL, MCU_I2C0_SDA, EXTINTn, MCU_PORz, PORz, VMON1_ER_VSYS, VMON2_IR_VCPU,
VMON3_IR_VEXT1P8, VMON4_IR_VEXT1P8, VMON5_ER_VEXT3P3 are the only fail-safe IO terminals. All
other IO terminals are not fail-safe and the voltage applied to them should be limited to the value defined by the
Steady State Max. Voltage at all IO pins parameter in Section 7.1.
T
overshoot
T
undershoot
T
period
Overshoot = 20% of nominal
IO supply voltage
Undershoot = 20% of nominal
IO supply voltage
A.
Tovershoot + Tundershoot < 20% of Tperiod
Figure 7-1. IO Transient Voltage Ranges
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±1000
V
Charged-device model (CDM), per AEC Q100-011
All pins
±250
Corner pins (A1,
AJ29)
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN
(1)
NOM
MAX
(1)
UNIT
VDD_CORE(3)
Boot/Active voltage for MAIN domain core supply
0.76
0.8
0.84
V
VDD_MCU
Boot/Active voltage for MCUSS core supply
0.76
0.8
0.89
V
VDD_CPU
Boot voltage for CPU core supply, applied at cold
power up event
0.76
0.8
0.84
V
Active voltage for CPU core supply, after AVS mode
enabled in software
AVS
(5)-5%
AVS
(5)
AVS
(5)+5%
V
VDD_CPU AVS Range
Efuse valid voltage range for VDD_CPU voltage
0.6
0.9
V
VDD_MCU_WAKE1
Core supply for MCU WAKE function
0.76
0.8
0.89
V
VDD_WAKE0
Core supply for MAIN domain WAKE function which
includes all "CANUART" IO.
0.76
0.8
0.89
V
VDDA_0P8_DLL_MMC0
MMC PLL analog supply
0.76
0.8
0.84
V
VDDAR_CORE
Main domain RAM supply
0.81
0.85
0.89
V
VDDAR_MCU
MCUSS RAM supply
0.81
0.85
0.89
V
VDDAR_CPU
CPU RAM supply
0.81
0.85
0.89
V
VDDA_0P8_SERDES0(3)
SERDES0 analog supply low
0.76
0.8
0.84
V
VDDA_0P8_SERDES0_C(3)
SERDES0-1 clock supply
0.76
0.8
0.84
V
VDDA_0P8_USB(3)
USB 0.8v analog supply
0.76
0.8
0.84
V
VDDA_1P8_USB
USB 1.8v analog supply
1.71
1.8
1.89
V
VDDA_1P8_SERDES0
SERDES0 analog supply high
1.71
1.8
1.89
V
VDDA_3P3_USB
USB 3.3v analog supply
3.14
3.3
3.46
V
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
96
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com