Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 48 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 48 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 44Page - Texas Instruments DRA821U4...ALM Datasheet HTML 45Page - Texas Instruments DRA821U4...ALM Datasheet HTML 46Page - Texas Instruments DRA821U4...ALM Datasheet HTML 47Page - Texas Instruments DRA821U4...ALM Datasheet HTML 48Page - Texas Instruments DRA821U4...ALM Datasheet HTML 49Page - Texas Instruments DRA821U4...ALM Datasheet HTML 50Page - Texas Instruments DRA821U4...ALM Datasheet HTML 51Page - Texas Instruments DRA821U4...ALM Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 252 page
background image
6.3 Signal Descriptions
Many signals are available on multiple pins, according to the software configuration of the pin multiplexing
options.
The following list describes the column headers:
1. SIGNAL NAME: The name of the signal passing through the pin.
Note
Signal names provided in each Signal Descriptions table, (Table 6-1 through Table 6-106)
represent the pin layer multiplexed signal function which is selected via the PADCONFIG
registers. Device subsystems may provide an additional layer of signal multiplexing, which means
the signal names described in these tables may have additional signal functions. For more
information, see the respective peripheral chapter of the device TRM.
2. DESCRIPTION: Description of the signal
3. PIN TYPE: Signal direction and type:
• I = Input
• O = Output
• OD = Opent drain terminal - Output
• IO = Input or Output
• IOD = Open drain terminal - Input or Output
• IOZ = Input, Output or Three-state terminal
• OZ = Output or Three-state terminal
• A = Analog
• PWR = Power
• GND = Ground
• CAP = LDO Capacitor
4. BALL: Associated balls bottom
For more information on the I/O cell configurations, see Pad Configuration Registers section in Device
Configuration chapter of the device TRM.
6.3.1 ADC
Note
The ADC can be configured to be used as a GPI. For more information, see Analog-to-Digital
Converter (ADC) section in Peripherals chapter in the device TRM.
6.3.1.1 MCU Domain
Table 6-2. ADC0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_ADC0_AIN0
ADC Analog Input 0
A
H17
MCU_ADC0_AIN1
ADC Analog Input 1
A
K18
MCU_ADC0_AIN2
ADC Analog Input 2
A
M17
MCU_ADC0_AIN3
ADC Analog Input 3
A
L18
MCU_ADC0_AIN4
ADC Analog Input 4
A
J18
MCU_ADC0_AIN5
ADC Analog Input 5
A
J17
MCU_ADC0_AIN6
ADC Analog Input 6
A
K17
MCU_ADC0_AIN7
ADC Analog Input 7
A
L17
MCU_ADC_EXT_TRIGGER0
ADC Trigger Input
I
C12, C20, D13
MCU_ADC_EXT_TRIGGER1
ADC Trigger Input
I
B12, B16, C16
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
48
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com