Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 4 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 4 Page - Texas Instruments

  DRA821U4...ALM Datasheet HTML 1Page - Texas Instruments DRA821U4...ALM Datasheet HTML 2Page - Texas Instruments DRA821U4...ALM Datasheet HTML 3Page - Texas Instruments DRA821U4...ALM Datasheet HTML 4Page - Texas Instruments DRA821U4...ALM Datasheet HTML 5Page - Texas Instruments DRA821U4...ALM Datasheet HTML 6Page - Texas Instruments DRA821U4...ALM Datasheet HTML 7Page - Texas Instruments DRA821U4...ALM Datasheet HTML 8Page - Texas Instruments DRA821U4...ALM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 252 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 2
3 Description.......................................................................2
3.1 Functional Block Diagram........................................... 2
4 Revision History.............................................................. 5
5 Device Comparison......................................................... 8
5.1 Related Products........................................................ 9
6 Terminal Configuration and Functions........................10
6.1 Pin Diagram.............................................................. 10
6.2 Pin Attributes.............................................................11
6.3 Signal Descriptions................................................... 48
6.4 Pin Multiplexing.........................................................82
6.5 Connections for Unused Pins................................... 91
7 Specifications................................................................ 94
7.1 Absolute Maximum Ratings...................................... 94
7.2 ESD Ratings............................................................. 96
7.3 Recommended Operating Conditions.......................96
7.4 Power-On-Hours (POH)............................................98
7.5 Operating Performance Points..................................98
7.6 Electrical Characteristics...........................................99
7.7 VPP Specifications for One-Time Programmable
(OTP) eFuses............................................................106
7.8 Thermal Resistance Characteristics....................... 107
7.9 Timing and Switching Characteristics..................... 108
8 Detailed Description....................................................220
8.1 Overview................................................................. 220
8.2 Processor Subsystems........................................... 221
8.3 Other Subsystems.................................................. 221
9 Applications, Implementation, and Layout............... 228
9.1 Power Supply Mapping........................................... 228
9.2 Device Connection and Layout Fundamentals....... 232
9.3 Peripheral- and Interface-Specific Design
Information................................................................ 232
10 Device and Documentation Support........................239
10.1 Device Nomenclature............................................239
10.2 Tools and Software............................................... 243
10.3 Documentation Support........................................ 244
10.4 Support Resources............................................... 244
10.5 Trademarks...........................................................244
10.6 Electrostatic Discharge Caution............................244
10.7 Glossary................................................................244
11 Mechanical, Packaging, and Orderable
Information.................................................................. 245
11.1 Packaging Information.......................................... 245
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com