Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 38 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 38 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 34Page - Texas Instruments DRA821U4...ALM Datasheet HTML 35Page - Texas Instruments DRA821U4...ALM Datasheet HTML 36Page - Texas Instruments DRA821U4...ALM Datasheet HTML 37Page - Texas Instruments DRA821U4...ALM Datasheet HTML 38Page - Texas Instruments DRA821U4...ALM Datasheet HTML 39Page - Texas Instruments DRA821U4...ALM Datasheet HTML 40Page - Texas Instruments DRA821U4...ALM Datasheet HTML 41Page - Texas Instruments DRA821U4...ALM Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 252 page
background image
Table 6-1. Pin Attributes (continued)
BALL
NUMBER
[1]
BALL
NAME
[2]
SIGNAL
NAME
[3]
MUX
MODE
[4]
TYPE
[5]
BALL
RESET
STATE
[6]
BALL
RESET
REL. MUX
MODE
[7]
I/O
VOLTAGE
VALUE
[8]
POWER
[9]
HYS
[10]
BUFFER
TYPE
[11]
PULL
UP/DOWN
TYPE
[12]
DSIS
[13]
RX
ACTIVE/
TX
DISABLE
[14]
IO
RET
[15]
U5
SPI0_CS1
SPI0_CS1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
1
CPTS0_TS_COMP
1
O
UART0_RTSn
2
O
O
GPIO0_52
7
IO
pad
V4
SPI0_D0
SPI0_D0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
UART1_RTSn
1
O
I2C2_SDA
2
IOD
IOD
GPIO0_54
7
IO
pad
T5
SPI0_D1
SPI0_D1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
GPIO0_55
7
IO
pad
B15
TCK
TCK
0
I
0
1.8 V/3.3 V
VDDSHV0_MCU
Yes
LVCMOS
PU/PD
F19
TDI
TDI
0
I
OFF
0
1.8 V/3.3 V
VDDSHV0_MCU
Yes
LVCMOS
PU/PD
F21
TDO
TDO
0
OZ
OFF
0
1.8 V/3.3 V
VDDSHV0_MCU
Yes
LVCMOS
PU/PD
V1
TIMER_IO0
TIMER_IO0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
ECAP1_IN_APWM_OUT
1
IO
0
SYSCLKOUT0
2
O
O
UART3_CTSn
5
I
1
SPI7_D0
6
IO
0
GPIO0_60
7
IO
pad
MMC1_SDCD
8
I
1
W1
TIMER_IO1
TIMER_IO1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
0/0
ECAP2_IN_APWM_OUT
1
IO
0
OBSCLK0
2
O
O
UART3_RTSn
5
O
SPI7_D1
6
IO
0
GPIO0_61
7
IO
pad
MMC1_SDWP
8
I
1
PCIE1_CLKREQn
9
IO
0
U4
TMS
TMS
0
I
OFF
0
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
B20
TRSTn
TRSTn
0
I
0
1.8 V/3.3 V
VDDSHV0_MCU
Yes
LVCMOS
PU/PD
T16
UART0_RXD
UART0_RXD
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
1
0/0
Yes
RGMII4_TXC
4
O
GPIO0_47
7
IO
pad
GPMC0_WAIT0
14
I
0
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
38
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com