Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 78 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 78 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 74Page - Texas Instruments DRA821U4...ALM Datasheet HTML 75Page - Texas Instruments DRA821U4...ALM Datasheet HTML 76Page - Texas Instruments DRA821U4...ALM Datasheet HTML 77Page - Texas Instruments DRA821U4...ALM Datasheet HTML 78Page - Texas Instruments DRA821U4...ALM Datasheet HTML 79Page - Texas Instruments DRA821U4...ALM Datasheet HTML 80Page - Texas Instruments DRA821U4...ALM Datasheet HTML 81Page - Texas Instruments DRA821U4...ALM Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 252 page
background image
Table 6-99. Clock1 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
OSC1_XO
High frequency oscillator output
O
J19
6.3.25.2.2 WKUP Domain
Table 6-100. Clock0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
WKUP_LF_CLKIN
Low frequency (32.768 KHz) oscillator input
I
C17
WKUP_OSC0_XI
High frequency oscillator input
I
K21
WKUP_OSC0_XO
High frequency oscillator output
O
L21
6.3.25.3 System
6.3.25.3.1 MAIN Domain
Table 6-101. System0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
AUDIO_EXT_REFCLK0
External clock routed to ATL or McASP as one of the
selectable input clock sources, or as a output clock
output for ATL or McASP
IO
V18
AUDIO_EXT_REFCLK1
External clock routed to ATL or McASP as one of the
selectable input clock sources, or as a output clock
output for ATL or McASP
IO
U21
EXTINTn
External Interrupt
I
U6
EXT_REFCLK1
External clock input to Main Domain, routed to Timer
clock muxes as one of the selectable input clock
sources for Timer/WDT modules, or as reference clock
to MAIN_PLL2 (PER1 PLL)
I
T3
GPMC0_FCLK_MUX
GPMC functional clock output selected through a mux
logic
O
V14
OBSCLK0
Observation clock output for test and debug purposes
only
O
W1
OBSCLK1
Observation clock output for test and debug purposes
only
O
V16
OBSCLK2
Observation clock output for test and debug purposes
only
O
V14
RESETSTATz
Main Domain warm reset status output
O
U2
SOC_SAFETY_ERRORn
Error signal output from Main Domain ESM
IO
V2
SYNC0_OUT
CPTS Time Stamp Generator Bit 0
O
U3
SYNC1_OUT
CPTS Time Stamp Generator Bit 1
O
T3
SYNC2_OUT
CPTS Time Stamp Generator Bit 2
O
W16
SYNC3_OUT
CPTS Time Stamp Generator Bit 3
O
V21
SYSCLKOUT0
SYSCLK0 output from Main PLL controller (divided by 6)
for test and debug purposes only
O
V1
6.3.25.3.2 WKUP Domain
Table 6-102. System0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_CLKOUT0
Reference clock output for Ethernet PHYs (50MHz or
25MHz)
OZ
C16
MCU_EXT_REFCLK0
External system clock input
I
C20, E18
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
78
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com