Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 70 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 70 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 66Page - Texas Instruments DRA821U4...ALM Datasheet HTML 67Page - Texas Instruments DRA821U4...ALM Datasheet HTML 68Page - Texas Instruments DRA821U4...ALM Datasheet HTML 69Page - Texas Instruments DRA821U4...ALM Datasheet HTML 70Page - Texas Instruments DRA821U4...ALM Datasheet HTML 71Page - Texas Instruments DRA821U4...ALM Datasheet HTML 72Page - Texas Instruments DRA821U4...ALM Datasheet HTML 73Page - Texas Instruments DRA821U4...ALM Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 252 page
background image
Table 6-83. OSPI0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_OSPI0_RESET_OUT0
OSPI Reset
O
C6
MCU_OSPI0_RESET_OUT1
OSPI Reset
O
D5
6.3.18 Hyperbus
6.3.18.1 MCU Domain
Table 6-84. HYPERBUS0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_HYPERBUS0_CK
Hyperbus Differential Clock (positive)
O
B6
MCU_HYPERBUS0_CKn
Hyperbus Differential Clock (negative)
O
C8
MCU_HYPERBUS0_INTn
Hyperbus Interrupt (active low)
I
D5
MCU_HYPERBUS0_RESETn
Hyperbus Reset (active low) Output
O
D7
MCU_HYPERBUS0_RESETOn
Hyperbus Reset Status Indicator (active low) from
Hyperbus Memory
I
C6
MCU_HYPERBUS0_RWDS
Hyperbus Read-Write Data Strobe
IO
B7
MCU_HYPERBUS0_WPn
Hyperbus Write Protect (Not in use)
O
C6, D5
MCU_HYPERBUS0_CSn0
Hyperbus Chip Select 0
O
D6
MCU_HYPERBUS0_CSn1
Hyperbus Chip Select 1
O
C6
MCU_HYPERBUS0_DQ0
Hyperbus Data 0
IO
D8
MCU_HYPERBUS0_DQ1
Hyperbus Data 1
IO
C7
MCU_HYPERBUS0_DQ2
Hyperbus Data 2
IO
C5
MCU_HYPERBUS0_DQ3
Hyperbus Data 3
IO
A5
MCU_HYPERBUS0_DQ4
Hyperbus Data 4
IO
A6
MCU_HYPERBUS0_DQ5
Hyperbus Data 5
IO
B8
MCU_HYPERBUS0_DQ6
Hyperbus Data 6
IO
A8
MCU_HYPERBUS0_DQ7
Hyperbus Data 7
IO
A7
6.3.19 GPMC
6.3.19.1 MAIN Domain
Table 6-85. GPMC0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
GPMC0_CLK
GPMC clock
IO
U13
GPMC0_ADVn_ALE
GPMC Address Valid (active low) or Address Latch
Enable
O
W20
GPMC0_CLKOUT
GPMC clock generated for external synchronization
O
V14
GPMC0_DIR
GPMC Data Bus Signal Direction Control
O
V21
GPMC0_OEn_REn
GPMC Output Enable (active low) or Read Enable
(active low)
O
T18
GPMC0_WEn
GPMC Write Enable (active low)
O
T17
GPMC0_WPn
GPMC Flash Write Protect (active low)
O
AA18
GPMC0_A0
GPMC Address 0 Output. Only used to effectively
address 8-bit data non-multiplexed memories
OZ
W17
GPMC0_A1
GPMC address 1 Output in A/D non-multiplexed mode
and Address 17 in A/D multiplexed mode
OZ
V18
GPMC0_A2
GPMC address 2 Output in A/D non-multiplexed mode
and Address 18 in A/D multiplexed mode
OZ
V20
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
70
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com