Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 42 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 42 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 38Page - Texas Instruments DRA821U4...ALM Datasheet HTML 39Page - Texas Instruments DRA821U4...ALM Datasheet HTML 40Page - Texas Instruments DRA821U4...ALM Datasheet HTML 41Page - Texas Instruments DRA821U4...ALM Datasheet HTML 42Page - Texas Instruments DRA821U4...ALM Datasheet HTML 43Page - Texas Instruments DRA821U4...ALM Datasheet HTML 44Page - Texas Instruments DRA821U4...ALM Datasheet HTML 45Page - Texas Instruments DRA821U4...ALM Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 252 page
background image
Table 6-1. Pin Attributes (continued)
BALL
NUMBER
[1]
BALL
NAME
[2]
SIGNAL
NAME
[3]
MUX
MODE
[4]
TYPE
[5]
BALL
RESET
STATE
[6]
BALL
RESET
REL. MUX
MODE
[7]
I/O
VOLTAGE
VALUE
[8]
POWER
[9]
HYS
[10]
BUFFER
TYPE
[11]
PULL
UP/DOWN
TYPE
[12]
DSIS
[13]
RX
ACTIVE/
TX
DISABLE
[14]
IO
RET
[15]
D16
VMON2_IR_VCPU
VMON2_IR_VCPU
PWR
E17
VMON3_IR_VEXT1P8
VMON3_IR_VEXT1P8
PWR
F17
VMON4_IR_VEXT1P8
VMON4_IR_VEXT1P8
PWR
L14
VMON5_IR_VEXT3P3
VMON5_IR_VEXT3P3
PWR
N17
VPP_CORE
VPP_CORE
PWR
E11
VPP_MCU
VPP_MCU
PWR
B5,AA1, AA10,
AA13, AA4,
AA7, C11,
D15, D17, D3,
E10, E12, E15,
E16, E6, E9,
F1, G10, G12,
G16, G6, G8,
H11, H13, H15,
H19, H4, H7,
H9, J1, J12,
J21, K11, K13,
K3, L12, L19,
L5, M11, M13,
M15, M21, M6,
M8, N10, N12,
N3, P13, P5,
P9, R10, R12,
R14, T11, T2,
T6, T8, T9,
U10, U7, V11,
V12, V9, W10,
W13, W18,
W4, W7, Y12,
Y3, Y6, Y9
VSS
VSS
GND
B18
WKUP_GPIO0_0
MCU_SPI1_CLK
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0_MCU
Yes
LVCMOS
PU/PD
0
Yes
MCU_SPI1_CLK
1
IO
0
WKUP_GPIO0_0
7
IO
pad
MCU_BOOTMODE03
Bootstrap I
B19
WKUP_GPIO0_1
MCU_SPI1_D0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0_MCU
Yes
LVCMOS
PU/PD
0
1/0
Yes
MCU_SPI1_D0
1
IO
0
WKUP_GPIO0_1
7
IO
pad
MCU_BOOTMODE04
Bootstrap I
D14
WKUP_GPIO0_2
MCU_SPI1_D1
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0_MCU
Yes
LVCMOS
PU/PD
0
1/0
Yes
MCU_SPI1_D1
1
IO
0
WKUP_GPIO0_2
7
IO
pad
MCU_BOOTMODE05
Bootstrap I
B21
WKUP_GPIO0_3
MCU_SPI1_CS0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0_MCU
Yes
LVCMOS
PU/PD
1
Yes
MCU_SPI1_CS0
1
IO
1
WKUP_GPIO0_3
7
IO
pad
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com