Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 79 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 79 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 75Page - Texas Instruments DRA821U4...ALM Datasheet HTML 76Page - Texas Instruments DRA821U4...ALM Datasheet HTML 77Page - Texas Instruments DRA821U4...ALM Datasheet HTML 78Page - Texas Instruments DRA821U4...ALM Datasheet HTML 79Page - Texas Instruments DRA821U4...ALM Datasheet HTML 80Page - Texas Instruments DRA821U4...ALM Datasheet HTML 81Page - Texas Instruments DRA821U4...ALM Datasheet HTML 82Page - Texas Instruments DRA821U4...ALM Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 252 page
background image
Table 6-102. System0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_OBSCLK0
Observation clock output for test and debug purposes
only
O
C16
MCU_PORz
MCU Domain cold reset
I
G19
MCU_RESETSTATz
MCU Domain warm reset status output
O
B13
MCU_RESETz
MCU Domain warm reset
I
A18
MCU_SAFETY_ERRORn
Error signal output from MCU Domain ESM
IO
G18
MCU_SYSCLKOUT0
MCU Domain system clock output for test and debug
purposes only
O
C20
PMIC_POWER_EN1
Power enable output for MAIN Domain supplies
O
C15
PMIC_WAKE0n
PMIC WakeUp (active low)
OD
T19
PMIC_WAKE1n
PMIC WakeUp (active low)
OD
E18
PORz
Main Domain cold reset
I
H20
RESET_REQz
Main Domain external warm reset request input
I
A15
6.3.25.3.3 VMON
Table 6-103. VMON Signal Decription
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
VMON1_ER_VSYS
Voltage Monitor, fixed 0.45V (+/-3%) threshold. Use with
external precision voltage divider to monitor a higher
voltage rail such as the PMIC input supply.
PWR
G15
VMON2_IR_VCPU
Must be externally connected directly to VDD_CPU
PWR
D16
VMON3_IR_VEXT1P8
General purpose voltage monitor for external supplies,
1.8V threshold. With internal resistor Divider.
PWR
E17
VMON4_IR_VEXT1P8
General purpose voltage monitor for external supplies,
1.8V threshold. With internal resistor Divider.
PWR
F17
VMON5_IR_VEXT3P3
General purpose voltage monitor for external supplies,
3.3V threshold. With internal resistor Divider.
PWR
L14
6.3.25.4 EFUSE
Table 6-104. EFUSE Signal Description
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
VPP_CORE
(1)
Programming voltage for MAIN Domain efuses
PWR
N17
VPP_MCU
(1)
Programming voltage for MCU Domain efuses
PWR
E11
(1)
This signal is valid only for High-Security devices. For more details, see Section 7.7, VPP Specification for One-Time Programmable
(OTP) eFUSEs. For General-Purpose devices do not connect any signal, test point, or board trace to this signal.
6.3.26 Power Supply
Note
All power balls must be supplied with the voltages specified in Section 7.3, Recommended Operating
Conditions, unless otherwise specified in Section 6.3, Signal Descriptions.
Table 6-105. Power Supply Signal Description
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
CAP_VDDS0
(1)
External capacitor connection for MAIN domain
GENERAL IO group 0
PWR
M7
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com