Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 100 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 100 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 96Page - Texas Instruments DRA821U4...ALM Datasheet HTML 97Page - Texas Instruments DRA821U4...ALM Datasheet HTML 98Page - Texas Instruments DRA821U4...ALM Datasheet HTML 99Page - Texas Instruments DRA821U4...ALM Datasheet HTML 100Page - Texas Instruments DRA821U4...ALM Datasheet HTML 101Page - Texas Instruments DRA821U4...ALM Datasheet HTML 102Page - Texas Instruments DRA821U4...ALM Datasheet HTML 103Page - Texas Instruments DRA821U4...ALM Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 252 page
background image
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NUMBERS: G19 / H20
VIL
Input low-level threshold
0.3 ×
VDDSHV(1)
V
VILSS
Input low-level threshold steady state
0.3 ×
VDDSHV(1)
V
VIH
Input high-level threshold
0.7 ×
VDDSHV(1)
V
VIHSS
Input high-level threshold steady state
0.7 ×
VDDSHV(1)
V
VHYS
Input Hysteresis Voltage
200
mV
IIN
Input Leakage Current
VI = 1.8 V or 0 V
±10
µA
(1)
VDDSHV stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see Pin
Attributes, POWER column.
7.6.3 HFOSC Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HIGH FREQUENCY OSCILLATOR
BALL NAMES: OSC1_XI, WKUP_OSC0_XI
BALL NUMBERS: K19 / K21
VIH
High-level input voltage
0.65 ×
VDDSHV
(1)
V
VIL
Low-level input voltage
0.35 ×
VDDSHV
(1)
V
VHYS
Input Hysteresis Voltage
49
mV
(1)
VDDSHV stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see
Table 6-1, POWER column.
7.6.4 eMMCPHY Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: MMC0_DAT[7:0], MMC0_CALPAD, MMC0_CMD, MMC0_DS, MMC0_CLK
BALL NUMBERS: R16 / P17 / R18 / R20 / R19 / P16 / R21 / T21 / P20 / R17 / P19 / P18
VIL
Input Low Voltage
0.35 ×
VDDSHV(1)
V
VILSS
Input Low Voltage Steady State
0.20
V
VIH
Input High Voltage
0.65 ×
VDDSHV(1)
V
VIHSS
Input High Voltage Steady State
1.4
V
IIN
Input Leakage Current.
VI = 1.8 V or 0 V
±10
μA
IOZ
Tri-state Output Leakage Current.
VO = 1.8 V or 0 V
±10
μA
RPU
Pull-up Resistor
15
20
25
kΩ
RPD
Pull-down Resistor
15
20
25
kΩ
VOL
Output Low Voltage
0.30
V
VOH
Output High Voltage
VDDSHV(1)-
0.30
V
IOL
Low Level Output Current
VOL(MAX)
2
mA
IOH
High Level Output Current
VOH(MIN)
2
mA
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
100
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com