Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 37 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 37 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 33Page - Texas Instruments DRA821U4...ALM Datasheet HTML 34Page - Texas Instruments DRA821U4...ALM Datasheet HTML 35Page - Texas Instruments DRA821U4...ALM Datasheet HTML 36Page - Texas Instruments DRA821U4...ALM Datasheet HTML 37Page - Texas Instruments DRA821U4...ALM Datasheet HTML 38Page - Texas Instruments DRA821U4...ALM Datasheet HTML 39Page - Texas Instruments DRA821U4...ALM Datasheet HTML 40Page - Texas Instruments DRA821U4...ALM Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 252 page
background image
Table 6-1. Pin Attributes (continued)
BALL
NUMBER
[1]
BALL
NAME
[2]
SIGNAL
NAME
[3]
MUX
MODE
[4]
TYPE
[5]
BALL
RESET
STATE
[6]
BALL
RESET
REL. MUX
MODE
[7]
I/O
VOLTAGE
VALUE
[8]
POWER
[9]
HYS
[10]
BUFFER
TYPE
[11]
PULL
UP/DOWN
TYPE
[12]
DSIS
[13]
RX
ACTIVE/
TX
DISABLE
[14]
IO
RET
[15]
AA5
SERDES0_TX2_N
SERDES0_TX2_N
O
0.8 V
VDDA_0P8_SERDES0
,
VDDA_1P8_SERDES0
,
VDDA_0P8_SERDES0
_C
SERDES
SGMII1_TX0_N
O
PCIE1_TX2_N
O
USB0_SSTX1N
O
AA6
SERDES0_TX2_P
SERDES0_TX2_P
O
0.8 V
VDDA_0P8_SERDES0
,
VDDA_1P8_SERDES0
,
VDDA_0P8_SERDES0
_C
SERDES
SGMII1_TX0_P
O
PCIE1_TX2_P
O
USB0_SSTX1P
O
Y4
SERDES0_TX3_N
SERDES0_TX3_N
O
0.8 V
VDDA_0P8_SERDES0
,
VDDA_1P8_SERDES0
,
VDDA_0P8_SERDES0
_C
SERDES
SGMII2_TX0_N
O
PCIE1_TX3_N
O
USB0_SSTX2N
O
Y5
SERDES0_TX3_P
SERDES0_TX3_P
O
0.8 V
VDDA_0P8_SERDES0
,
VDDA_1P8_SERDES0
,
VDDA_0P8_SERDES0
_C
SERDES
SGMII2_TX0_P
O
PCIE1_TX3_P
O
USB0_SSTX2P
O
V2
SOC_SAFETY_ERRORn
SOC_SAFETY_ERRORn
0
IO
OFF
0
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
Y1
SPI0_CLK
SPI0_CLK
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
UART1_CTSn
1
I
1
I2C2_SCL
2
IOD
IOD
GPIO0_53
7
IO
pad
W3
SPI0_CS0
SPI0_CS0
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
1
UART0_CTSn
2
I
I
GPIO0_51
7
IO
pad
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com