Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 17 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 17 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 13Page - Texas Instruments DRA821U4...ALM Datasheet HTML 14Page - Texas Instruments DRA821U4...ALM Datasheet HTML 15Page - Texas Instruments DRA821U4...ALM Datasheet HTML 16Page - Texas Instruments DRA821U4...ALM Datasheet HTML 17Page - Texas Instruments DRA821U4...ALM Datasheet HTML 18Page - Texas Instruments DRA821U4...ALM Datasheet HTML 19Page - Texas Instruments DRA821U4...ALM Datasheet HTML 20Page - Texas Instruments DRA821U4...ALM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 252 page
background image
Table 6-1. Pin Attributes (continued)
BALL
NUMBER
[1]
BALL
NAME
[2]
SIGNAL
NAME
[3]
MUX
MODE
[4]
TYPE
[5]
BALL
RESET
STATE
[6]
BALL
RESET
REL. MUX
MODE
[7]
I/O
VOLTAGE
VALUE
[8]
POWER
[9]
HYS
[10]
BUFFER
TYPE
[11]
PULL
UP/DOWN
TYPE
[12]
DSIS
[13]
RX
ACTIVE/
TX
DISABLE
[14]
IO
RET
[15]
Y19
MCAN2_RX
MCAN2_RX
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
1
1/0
Yes
RGMII1_TD1
4
O
RMII4_RXD1
5
I
0
MCAN2_RX
6
I
1
GPIO0_14
7
IO
pad
SPI5_CS2
8
IO
1
EHRPWM0_B
9
IO
0
TRC_DATA2
10
O
UART3_TXD
11
O
MCASP1_ACLKX
12
IO
0
UART9_RTSn
13
O
GPMC0_AD9
14
IO
0
Y18
MCAN2_TX
MCAN2_TX
0
O
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
1/0
Yes
RGMII1_TD0
4
O
RMII4_RXD0
5
I
0
MCAN2_TX
6
O
GPIO0_13
7
IO
pad
SPI5_CS3
8
IO
1
EHRPWM1_A
9
IO
1
TRC_DATA3
10
O
UART3_RXD
11
I
1
MCASP1_AFSX
12
IO
0
UART9_CTSn
13
I
1
GPMC0_AD8
14
IO
0
W16
MCAN3_RX
MCAN3_RX
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
1
1/0
Yes
RGMII1_TD3
4
O
RMII4_RX_ER
5
I
0
MCAN3_RX
6
I
1
GPIO0_16
7
IO
pad
SPI5_CS0
8
IO
1
EHRPWM_TZn_IN0
9
I
0
TRC_DATA0
10
O
GPMC0_A4
11
OZ
MCASP0_AXR0
12
IO
0
SYNC2_OUT
14
O
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com