Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 11 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 7Page - Texas Instruments DRA821U4...ALM Datasheet HTML 8Page - Texas Instruments DRA821U4...ALM Datasheet HTML 9Page - Texas Instruments DRA821U4...ALM Datasheet HTML 10Page - Texas Instruments DRA821U4...ALM Datasheet HTML 11Page - Texas Instruments DRA821U4...ALM Datasheet HTML 12Page - Texas Instruments DRA821U4...ALM Datasheet HTML 13Page - Texas Instruments DRA821U4...ALM Datasheet HTML 14Page - Texas Instruments DRA821U4...ALM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 252 page
background image
6.2 Pin Attributes
Table 6-1. Pin Attributes
BALL
NUMBER
[1]
BALL
NAME
[2]
SIGNAL
NAME
[3]
MUX
MODE
[4]
TYPE
[5]
BALL
RESET
STATE
[6]
BALL
RESET
REL. MUX
MODE
[7]
I/O
VOLTAGE
VALUE
[8]
POWER
[9]
HYS
[10]
BUFFER
TYPE
[11]
PULL
UP/DOWN
TYPE
[12]
DSIS
[13]
RX
ACTIVE/
TX
DISABLE
[14]
IO
RET
[15]
M7
CAP_VDDS0
CAP_VDDS0
PWR
G14
CAP_VDDS0_MCU
CAP_VDDS0_MCU
PWR
F9
CAP_VDDS1_MCU
CAP_VDDS1_MCU
PWR
T12
CAP_VDDS2
CAP_VDDS2
PWR
F10
CAP_VDDS2_MCU
CAP_VDDS2_MCU
PWR
L15
CAP_VDDS5
CAP_VDDS5
PWR
H1
DDR0_CKN
DDR0_CKN
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
G1
DDR0_CKP
DDR0_CKP
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
J5
DDR0_RESETn
DDR0_RESETn
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
G4
DDR0_CA0
DDR0_CA0
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
H3
DDR0_CA1
DDR0_CA1
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
J4
DDR0_CA2
DDR0_CA2
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
K1
DDR0_CA3
DDR0_CA3
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
J2
DDR0_CA4
DDR0_CA4
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
H5
DDR0_CA5
DDR0_CA5
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
K5
DDR0_CAL0
DDR0_CAL0
A
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDRCALR
G2
DDR0_CKE0
DDR0_CKE0
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
H2
DDR0_CKE1
DDR0_CKE1
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
G3
DDR0_CSn0_0
DDR0_CSn0_0
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com