Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 99 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 99 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 95Page - Texas Instruments DRA821U4...ALM Datasheet HTML 96Page - Texas Instruments DRA821U4...ALM Datasheet HTML 97Page - Texas Instruments DRA821U4...ALM Datasheet HTML 98Page - Texas Instruments DRA821U4...ALM Datasheet HTML 99Page - Texas Instruments DRA821U4...ALM Datasheet HTML 100Page - Texas Instruments DRA821U4...ALM Datasheet HTML 101Page - Texas Instruments DRA821U4...ALM Datasheet HTML 102Page - Texas Instruments DRA821U4...ALM Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 252 page
background image
7.6 Electrical Characteristics
Note
The interfaces or signals described in Section 7.6.10 through Section 7.6.10 correspond to the
interfaces or signals available in multiplexing mode 0 (Primary Function).
All interfaces or signals multiplexed on the balls described in these tables have the same DC electrical
characteristics, unless multiplexing involves a PHY and GPIO combination, in which case different DC
electrical characteristics are specified for the different multiplexing modes (Functions).
7.6.1 I2C, Open-Drain, Fail-Safe (I2C OD FS) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: WKUP_I2C0_SDA, WKUP_I2C0_SCL, MCU_I2C0_SDA, MCU_I2C0_SCL, I2C0_SDA, I2C0_SCL, EXTINTN
BALL NUMBERS: H21 / F20 / G20 / G21 / W2 / V3 / U6
1.8 V MODE
VIL
Input Low Voltage
0.3 ×
VDDSHV
(1)
V
VILSS
Input Low Voltage Steady State
0.3 ×
VDDSHV
(1)
V
VIH
Input High Voltage
0.7 ×
VDDSHV
(1)
V
VIHSS
Input High Voltage Steady State
0.7 ×
VDDSHV
(1)
V
VHYS
Input Hysteresis Voltage
0.1 ×
VDDSHV
(1)
mV
IIN
Input Leakage Current.
VI = 1.8 V or 0 V
±10
µA
VOL
Output Low Voltage
0.2 ×
VDDSHV
(1)
V
IOL
Low Level Output Current
VOL(MAX)
10
mA
3.3 V MODE
(2)
VIL
Input Low Voltage
0.3 ×
VDDSHV
(1)
V
VILSS
Input Low Voltage Steady State
0.25 ×
VDDSHV
(1)
V
VIH
Input High Voltage
0.7 ×
VDDSHV
(1)
V
VIHSS
Input High Voltage Steady State
0.7 ×
VDDSHV
(1)
V
VHYS
Input Hysteresis Voltage
0.05 ×
VDDSHV
(1)
mV
IIN
Input Leakage Current.
VI = 3.3 V or 0 V
±10
µA
VOL
Output Low Voltage
0.4
V
IOL
Low Level Output Current
VOL(MAX)
10
mA
(1)
VDDSHV stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see
Table 6-1, POWER column.
(2)
I2C HS-mode is not supported when operating the IO in 3.3 V mode.
7.6.2 Fail-Safe Reset (FS Reset) Electrical Characteristics
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: MCU_PORz, PORz
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
99
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com