Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 94 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 94 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 90Page - Texas Instruments DRA821U4...ALM Datasheet HTML 91Page - Texas Instruments DRA821U4...ALM Datasheet HTML 92Page - Texas Instruments DRA821U4...ALM Datasheet HTML 93Page - Texas Instruments DRA821U4...ALM Datasheet HTML 94Page - Texas Instruments DRA821U4...ALM Datasheet HTML 95Page - Texas Instruments DRA821U4...ALM Datasheet HTML 96Page - Texas Instruments DRA821U4...ALM Datasheet HTML 97Page - Texas Instruments DRA821U4...ALM Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 252 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
PARAMETER
MIN
MAX
UNIT
VDD_CORE
MAIN domain core supply
-0.3
1.05
V
VDD_MCU
MCUSS core supply
-0.3
1.05
V
VDD_CPU
CPU core supply
-0.3
1.05
V
VDD_MCU_WAKE1
Core supply for MCU WAKE function
-0.3
1.05
V
VDD_WAKE0
Core supply for MAIN domain WAKE function which
includes all "CANUART" IO.
-0.3
1.05
V
VDDA_0P8_DLL_MMC0
MMC0 DLL analog supply
-0.3
1.05
V
VDDAR_CORE
MAIN domain RAM supply
-0.3
1.05
V
VDDAR_MCU
MCUSS RAM supply
-0.3
1.05
V
VDDAR_CPU
CPU RAM supply
-0.3
1.05
V
VDDA_0P8_SERDES0
SERDES0 analog supply low
-0.3
1.05
V
VDDA_0P8_SERDES0_C
SERDES0 clock supply
-0.3
1.05
V
VDDA_0P8_USB
USB0 0.8 V analog supply
-0.3
1.05
V
VDDA_0P8_PLL_DDR
DDR PLL analog supply
-0.3
1.05
V
VDDA_1P8_USB
USB0 1.8 V analog supply
-0.3
2.2
V
VDDA_1P8_SERDES0
SERDES0 analog supply high
-0.3
2.2
V
VDDA_3P3_USB
USB0 3.3 V analog supply
-0.3
3.8
V
VDDA_MCU_PLLGRP0
Analog supply for MCU PLL Group 0
-0.3
2.2
V
VDDA_PLLGRP0
Analog supply for MAIN PLL Group 0
-0.3
2.2
V
VDDA_PLLGRP4
Analog supply for MAIN PLL Group 4
-0.3
2.2
V
VDDA_PLLGRP6
Analog supply for MAIN PLL Group 6
-0.3
2.2
V
VDDA_PLLGRP8
Analog supply for MAIN PLL Group 8
-0.3
2.2
V
VDDA_WKUP
Oscillator supply for WKUP domain
-0.3
2.2
V
VDDA_ADC_MCU
ADC analog supply
-0.3
2.2
V
VDDA_MCU_TEMP
Analog supply for temperature sensor 0 in MCU domain
-0.3
2.2
V
VDDA_POR_WKUP
WKUP domain analog supply
-0.3
2.2
V
VDDA_TEMP0
Analog supply for temperature sensor 0
-0.3
2.2
V
VDDA_TEMP1
Analog supply for temperature sensor 1
-0.3
2.2
V
VDDS_DDR(10)
DDR inteface power supply
-0.3
1.2
V
VDDS_DDR_BIAS(10)
Bias supply for LPDDR4
-0.3
1.2
V
VDDS_DDR_C(10)
IO power for DDR Memory Clock Bit (MCB) macro
-0.3
1.2
V
VDDS_MMC0
MMC0 IO supply
-0.3
2.2
V
VDDA_OSC1
HFOSC1 supply
-0.3
2.2
V
VDDSHV0_MCU
IO supply MCUSS general IO group, and MCU and
MAIN domain warm reset pins
-0.3
3.8
V
VDDSHV0
IO supply for MAIN domain general
-0.3
3.8
V
VDDSHV1_MCU
IO supply for MCUSS IO group 1
-0.3
3.8
V
VDDSHV2_MCU
IO supply for MCUSS IO group 2
-0.3
3.8
V
VDDSHV2
IO supply for MAIN domain IO group 2
-0.3
3.8
V
VDDSHV5
IO supply for MAIN domain IO group 5
-0.3
3.8
V
VPP_CORE
Supply voltage range for CORE EFUSE domain
-0.3
1.89
V
VPP_MCU
Supply voltage range for MCU EFUSE domain
-0.3
1.89
V
USB0_VBUS(9)
Voltage range for USB VBUS comparator input
-0.3
3.6
V
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
94
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com