Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 80 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 80 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 76Page - Texas Instruments DRA821U4...ALM Datasheet HTML 77Page - Texas Instruments DRA821U4...ALM Datasheet HTML 78Page - Texas Instruments DRA821U4...ALM Datasheet HTML 79Page - Texas Instruments DRA821U4...ALM Datasheet HTML 80Page - Texas Instruments DRA821U4...ALM Datasheet HTML 81Page - Texas Instruments DRA821U4...ALM Datasheet HTML 82Page - Texas Instruments DRA821U4...ALM Datasheet HTML 83Page - Texas Instruments DRA821U4...ALM Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 252 page
background image
Table 6-105. Power Supply Signal Description (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
CAP_VDDS0_MCU
(1)
External capacitor connection for MCUSS IO group 0
PWR
G14
CAP_VDDS1_MCU
(1)
External capacitor connection for MCUSS IO group 1
PWR
F9
CAP_VDDS2
(1)
External capacitor connection for MAIN domain
CANUART IO group 2
PWR
T12
CAP_VDDS2_MCU
(1)
External capacitor connection for MCUSS IO group 2
PWR
F10
CAP_VDDS5
(1)
External capacitor connection for MAIN domain MMC1
IO group 5
PWR
L15
VDDAR_CORE
MAIN domain RAM supply
PWR
K14, P14
VDDAR_CPU
CPU RAM supply
PWR
J11, M10
VDDAR_MCU
MCUSS RAM supply
PWR
H12, J14
VDDA_0P8_PLL_DDR
DDR PLL analog supply
PWR
K7
VDDA_0P8_USB
USB0 0.8 V analog supply
PWR
P7
VDDA_0P8_DLL_MMC0
MMC0 DLL analog supply
PWR
M18
VDDA_0P8_SERDES0
SERDES0 analog supply low
PWR
R8, T7, U8
VDDA_0P8_SERDES0_C
SERDES0 clock supply
PWR
R9
VDDA_1P8_USB
USB0 1.8 V analog supply
PWR
R6
VDDA_1P8_SERDES0
SERDES0 analog supply high
PWR
P8
VDDA_3P3_USB
USB0 3.3 V analog supply
PWR
R7
VDDA_ADC_MCU
ADC analog supply and high voltage reference (VREFP)
PWR
J16
VDDA_MCU_PLLGRP0
Analog supply for MCU PLL group 0
PWR
F15
VDDA_MCU_TEMP
Analog supply for temperature sensor 0 in MCU domain
PWR
F16
VDDA_PLLGRP0
Analog supply for MAIN PLL group 0
PWR
N14
VDDA_PLLGRP4
Analog supply for MAIN PLL group 4
PWR
N9
VDDA_PLLGRP6
Analog supply for MAIN PLL Group 6
PWR
J9
VDDA_PLLGRP8
Analog supply for MAIN PLL group 8
PWR
L7
VDDA_POR_WKUP
WKUP domain analog supply
PWR
J15
VDDA_TEMP0
Analog supply for MAIN domain TEMP sensor 0
PWR
J8
VDDA_TEMP1
Analog supply for MAIN domain TEMP sensor 1
PWR
P15
VDDA_WKUP
Oscillator supply for WKUP domain
PWR
H16
VDDSHV0
IO supply for MAIN domain GENERAL IO group
PWR
N6, P6
VDDSHV0_MCU
IO supply MCUSS general IO group, and MCU and MAIN
domain warm reset pins
PWR
E13, E14, F13, F14
VDDSHV1_MCU
IO supply for MCUSS IO group 1
PWR
E7, E8, F8
VDDSHV2
IO supply for MAIN domain CANUART IO group 2
PWR
T10, U11, U9
VDDSHV2_MCU
IO supply for MCUSS IO group 2
PWR
F11, F12, G11
VDDSHV5
IO supply for MAIN domain MMC1 IO group 5
PWR
K16, L16
VDDS_DDR
DDR inteface power supply
PWR
A1, G7, H6, J7, K6,
M5, U1
VDDS_DDR_BIAS
Bias supply for LPDDR4
PWR
F7, L6
VDDS_DDR_C
IO power for DDR Memory Clock Bit (MCB) macro
PWR
J6
VDDS_MMC0
MMC0 IO supply
PWR
M16, N16
VDDA_OSC1
HFOSC1 supply
PWR
G17
VDD_CORE
MAIN domain core supply
PWR
H8, K12, L13, M12,
M14, N13, N15, N7,
P10, P12, R11, R13,
R15
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
80
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com