Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 14 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 14 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 10Page - Texas Instruments DRA821U4...ALM Datasheet HTML 11Page - Texas Instruments DRA821U4...ALM Datasheet HTML 12Page - Texas Instruments DRA821U4...ALM Datasheet HTML 13Page - Texas Instruments DRA821U4...ALM Datasheet HTML 14Page - Texas Instruments DRA821U4...ALM Datasheet HTML 15Page - Texas Instruments DRA821U4...ALM Datasheet HTML 16Page - Texas Instruments DRA821U4...ALM Datasheet HTML 17Page - Texas Instruments DRA821U4...ALM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 252 page
background image
Table 6-1. Pin Attributes (continued)
BALL
NUMBER
[1]
BALL
NAME
[2]
SIGNAL
NAME
[3]
MUX
MODE
[4]
TYPE
[5]
BALL
RESET
STATE
[6]
BALL
RESET
REL. MUX
MODE
[7]
I/O
VOLTAGE
VALUE
[8]
POWER
[9]
HYS
[10]
BUFFER
TYPE
[11]
PULL
UP/DOWN
TYPE
[12]
DSIS
[13]
RX
ACTIVE/
TX
DISABLE
[14]
IO
RET
[15]
T1
DDR0_DQ25
DDR0_DQ25
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
P1
DDR0_DQ26
DDR0_DQ26
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
P2
DDR0_DQ27
DDR0_DQ27
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
N4
DDR0_DQ28
DDR0_DQ28
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
P3
DDR0_DQ29
DDR0_DQ29
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
P4
DDR0_DQ30
DDR0_DQ30
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
N5
DDR0_DQ31
DDR0_DQ31
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
B1
DDR0_DQS0N
DDR0_DQS0N
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
B2
DDR0_DQS0P
DDR0_DQS0P
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
E1
DDR0_DQS1N
DDR0_DQS1N
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
E2
DDR0_DQS1P
DDR0_DQS1P
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
M1
DDR0_DQS2N
DDR0_DQS2N
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
M2
DDR0_DQS2P
DDR0_DQS2P
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
R1
DDR0_DQS3N
DDR0_DQS3N
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
R2
DDR0_DQS3P
DDR0_DQS3P
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
R5
DDR_RET
DDR_RET
I
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com