Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 3 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 3 Page - Texas Instruments

  DRA821U4...ALM Datasheet HTML 1Page - Texas Instruments DRA821U4...ALM Datasheet HTML 2Page - Texas Instruments DRA821U4...ALM Datasheet HTML 3Page - Texas Instruments DRA821U4...ALM Datasheet HTML 4Page - Texas Instruments DRA821U4...ALM Datasheet HTML 5Page - Texas Instruments DRA821U4...ALM Datasheet HTML 6Page - Texas Instruments DRA821U4...ALM Datasheet HTML 7Page - Texas Instruments DRA821U4...ALM Datasheet HTML 8Page - Texas Instruments DRA821U4...ALM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 252 page
background image
Navigator Subsystem
(E)
Interconnect
High-Speed Serial Interfaces
Audio Peripherals
3x MCASP
10/100/1000 Ethernet (A)
DRA821
1x PCIe 4-Lane Port
(B)
®
512KB L2
with ECC
1MB Shared L2
Cache with ECC
Dual Arm
®
®
Cortex -A72
System Services
(E)
Spinlock
GP Timers
Mailboxes
Debug
UDMA
WWDT
Navigator Subsystem
Channelized FW
MCRC
RA
INTR
UDMA
INTA
Proxy
DMSC
Safety DTK
SP RAM 512B
10x GP Timers
2x RTI/WWDT
SA2UL
MCU Island
1 MB SRAM
Channelized FW
CPTS
Mailbox
TIMER-MGR
PVU
INTR
SecProxy
MCRC
INTA
UDMA
Proxy/RA
Spinlock
Security Accelerators
RNG
DES
AES
SHA
PKA
3DES
Media and Data Storage
1x eMMC
1x SD/SDIO
1x USB 3.0 DRD
(B)
Automotive Interfaces
2x CAN-FD
(A)
Ethernet Switch
(Up to 4-ports
QSGMII/SGMII/RGMII/RMII/
XFI/USXGMII)
(B)
GPIO
2x Arm
®
Cortex -R5F
®
(with optional Lockstep)
18x CAN-FD
(E)
Control Interfaces
6x EPWM
3x
CAP
E
3x
QEP
E
Memory Subsystem
MSMC
1MB SRAM with ECC
(E)
EMIF 1x32 LPDDR4 w
ECC
ith
(E)
512KB SRAM
(E)
ELM
GPMC
2x Arm
®
Cortex -R5F
®
(E)
(with optional Lockstep)
64K L2 RAM
per Core
(E)
General Connectivity
2x GPIO
(F)
3x MCSPI
8x I2C
(F)
2x I2C
(A)
(A)
1x OSPI or
1x HyperBus
(A)(C)
1x I3C
(A)
1x I3C
8x MCSPI
1x UART
(A)
11x UART
(F)
1x ADC
(A)
(D)
(D)(F)
2x WKUP GPIO
A.
Both WKUP and MCU domain instances are located on the MCU island but available for the full system to access.
B.
SGMII, USB3.0, and PCIE share total of four SerDes lanes. A maximum of two of the three IP (for example, SGMII and USB) can be
used concurrently.
C.
Flash interface can be configured as OSPI0, or HyperBus.
D.
One port is internally connected only. Not connected to any pins.
E.
A solid black box indicates the IP is part of the Extended MCU (eMCU).
F.
A dashed black box indicates that some instances of the IP are present in the eMCU and some instances are present in the non-eMCU
portion of the Main Domain.
Figure 3-1. Functional Block Diagram
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com