Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 103 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 103 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 99Page - Texas Instruments DRA821U4...ALM Datasheet HTML 100Page - Texas Instruments DRA821U4...ALM Datasheet HTML 101Page - Texas Instruments DRA821U4...ALM Datasheet HTML 102Page - Texas Instruments DRA821U4...ALM Datasheet HTML 103Page - Texas Instruments DRA821U4...ALM Datasheet HTML 104Page - Texas Instruments DRA821U4...ALM Datasheet HTML 105Page - Texas Instruments DRA821U4...ALM Datasheet HTML 106Page - Texas Instruments DRA821U4...ALM Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 252 page
background image
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VHYS
Input Hysteresis Voltage
200
mV
II
Input Leakage Current
VI = 1.8 V or 0 V
2
μA
(1)
MCU_ADC0 can be configured to operate in General Purpose Input mode, where all MCU_ADC0_AIN[7:0] inputs are globally enabled to operate as digital inputs via the ADC0_CTRL
register (gpi_mode_en = 1).
(2)
VDDA stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see Table 6-1, POWER column.
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com