Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 110 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 110 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 106Page - Texas Instruments DRA821U4...ALM Datasheet HTML 107Page - Texas Instruments DRA821U4...ALM Datasheet HTML 108Page - Texas Instruments DRA821U4...ALM Datasheet HTML 109Page - Texas Instruments DRA821U4...ALM Datasheet HTML 110Page - Texas Instruments DRA821U4...ALM Datasheet HTML 111Page - Texas Instruments DRA821U4...ALM Datasheet HTML 112Page - Texas Instruments DRA821U4...ALM Datasheet HTML 113Page - Texas Instruments DRA821U4...ALM Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 252 page
background image
7.9.2.2 Combined MCU and Main Domains Power- Up Sequencing
Figure 7-3 describes the primary power-up sequencing when similar MCU and Main voltage domains are
combined into common power rails. Combining MCU and Main voltage domains makes an SoC’s MCU and Main
processor sub-systems operational dependent on common power rails. The main reason an SoC’s PDN design
may want to group MCU and Main voltage domains is simplify the PDN by reducing total number of power rails
and sources. This simplified PDN would be used in systems that do not desire independent MCU and Main
processor sub-system operations.
J7VCL_ELCH_01
T0
T1
T2
T3
T4
(VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU,
VDDSHV0, VDDSHV2, VDDSHV5 ) , VDDA_3P3_USB
(D) (B)
(E)
(VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU,
VDDSHV0, VDDSHV2, VDDSHV5 ) ,VDDS_MMC0
(D) (C)
VDD_CPU
VDD_MCU , VDD_MCU_WAKE1, VDD_CORE,
(I)
VDD_WAKE0, VDDA_0P8_SERDES,
VDDA_0P8_SERDES_C, VDDA_0P8_USB,
VDDAR_CORE, VDDAR_CPU, VDDAR_MCU
(I)
MCU_PORz
(J)(K)
OSC1_XI, OSC1_XO
(optional)
WKUP_LFOSC0_XI, WKUP_LFOSC0_XO
(optional)
WKUP_OSC0_XI, WKUP_OSC0_XO
VDDS_DDR_BIAS, VDDS_DDR, VDDS_DDR_C,
VDDA_0P8_PLL_DDR, VDDA_0P8_DLL_MMC0
(H)
MCU_BOOTMODE[9:0], BOOTMODE[7:0]
(J)
Valid Configuration
(VDDA_MCU_PLLGRP0, VDDA_MCU_TEMP, VDDA_ADC_MCU,
VDDA_POR_WKUP, VDDA_WKUP, VDDA_OSC1,
VDDA_PLLGRP8, VDDA_PLLGRP6,VDDA_PLLGRP4,
VDDA_PLLGRP0, VDDA_TEMP0, VDDA_TEMP1)
(F)
(VDDA_1P8_SERDES, VDDA_1P8_USB)
(G)
PORz
(J)(K)
A.
Terminology:
•
Primary = Essential power up sequence of all voltage domains to full active state.
•
VOPR MIN = Minimum operational voltage level that ensures functionality as specified in , Recommended Operating Conditions.
•
Ramp Up = Voltage supply transition time from off condition to VOPR MIN.
•
Domain_“n” = multiple instances of similar voltage domains (that is, dual voltage IO domains, VDDSHVn = VDDSHV0, VDDSHV1,
VDDSHV2 … VDDSHV6)
•
Domain_“xxx” = different signal type/protocol domains using same voltage supply type and level (that is, VDDA_1P8_xx =
VDDA_1P8_DSITX, VDDA_1P8_USB, VDDA_0P8_DSITX, VDDA_0P8_USB, etc.)
Time stamps:
Markers showing approximate elapsed times that are dependent upon PDN feature set, component selection and power mapping.
Values shown are typical for PDNs combining MCU and Main voltage domains but could vary based upon PDN design.
Time Stamp definitions and (typical values for reference only):
T0 – All 3.3-V voltages start supply ramp-up to VOPR MIN. (0 ms)
T1 – All 1.8-V voltages start supply ramp-up to VOPR MIN. (0.5 ms)
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
110
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com