Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 132 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 132 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 128Page - Texas Instruments DRA821U4...ALM Datasheet HTML 129Page - Texas Instruments DRA821U4...ALM Datasheet HTML 130Page - Texas Instruments DRA821U4...ALM Datasheet HTML 131Page - Texas Instruments DRA821U4...ALM Datasheet HTML 132Page - Texas Instruments DRA821U4...ALM Datasheet HTML 133Page - Texas Instruments DRA821U4...ALM Datasheet HTML 134Page - Texas Instruments DRA821U4...ALM Datasheet HTML 135Page - Texas Instruments DRA821U4...ALM Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 252 page
background image
SYSCLKOUT0
OBSCLK0
CLKOUT0
CLK4
CLK5
CLK6
CLK7
CLK8
CLK9
CLK10
CLK11
CLK12
MCU_SYSCLKOUT0
CLK13
CLK14
CLK15
MCU_OBSCLK0
CLK16
CLK17
CLK18
Figure 7-22. Clock Switching Characteristics
7.9.4 Clock Specifications
7.9.4.1 Input Clocks / Oscillators
Various external clock inputs/outputs are needed to drive the device. Summary of these input clock signals is as
follows:
• OSC1_XO/OSC1_XI — Еxternal main crystal interface pins connected to internal oscillator which sources
reference clock and provides reference clock to PLLs within MAIN domain. Also, for audio applications,
high-frequency oscillator 0 is used to provide audio clock frequencies to MCASPs.
• High frequency oscillators inputs
– OSC1_XO/OSC1_XI — external main crystal interface pins connected to internal oscillator which sources
reference clock. Provides reference clock to PLLs within MAIN domain. This highfrequency oscillator is
used to provide audio clock frequencies to MCASPs.
– WKUP_OSC0_XO/WKUP_OSC0_XI — external main crystal interface pins of the internal oscillator which
sources a reference clock. Provides reference clock to PLLs within WKUP/MCU and MAIN domain.
• Low frequency oscillator input
– WKUP_LF_CLKIN — External 32.768 kHz clock input.
• General purpose clock inputs
– MCU_EXT_REFCLK0 — optional external. Provides system clock input (MCU domain).
– EXT_REFCLK1 — optional external system clock input (MAIN domain). Optionally PLL2 (PER1) and
MCASP can be sourced by EXT_REFCLK1 (sourced externally).
– SERDES0_REFCLK_P/N — SerDes reference clock input for PCIe or Optional USB3 and SGMII
interfaces.
• External CPTS reference clock inputs
– MCU_CPTS0_RFT_CLK — CPTS reference clock inputs for MCU_CPTS_RFT_CLK.
– CPTS0_RFT_CLK — CPTS reference clock inputs for CPTS_RFT_CLK.
• External audio reference clock input/output pins
– AUDIO_EXT_REFCLK0
– AUDIO_EXT_REFCLK1
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
132
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com