Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 143 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 143 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 139Page - Texas Instruments DRA821U4...ALM Datasheet HTML 140Page - Texas Instruments DRA821U4...ALM Datasheet HTML 141Page - Texas Instruments DRA821U4...ALM Datasheet HTML 142Page - Texas Instruments DRA821U4...ALM Datasheet HTML 143Page - Texas Instruments DRA821U4...ALM Datasheet HTML 144Page - Texas Instruments DRA821U4...ALM Datasheet HTML 145Page - Texas Instruments DRA821U4...ALM Datasheet HTML 146Page - Texas Instruments DRA821U4...ALM Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 252 page
background image
7.9.4.2 Output Clocks
The device provides several system clock outputs. Summary of these output clocks are as follows:
• MCU_CLKOUT0
– Reference clock output for Ethernet PHYs (50 MHz or 25 MHz)
• MCU_SYSCLKOUT0
– SYSCLK0 of WKUP_PLLCTRL0 is divided by 6 and then sent out of the device as a LVCMOS clock signal
(MCU_SYSCLKOUT0). This signal can be used to test if the main chip clock is functioning or not.
• MCU_OBSCLK0
– On the clock output MCU_OBSCLK0, oscillators and PLLs clocks can be observed for tests and debug.
• SYSCLKOUT0
– SYSCLK0 from the MAIN_PLL controller is divided by 6 and then sent out of the device as a LVCMOS
clock signal (SYSCLKOUT0). This signal can be used to test if the main chip clock is functioning or not.
• CLKOUT
– Reference clock output
• OBSCLK[2:0]
– On the clock output OBSCLK0, oscillators and PLLs clocks can be observed for tests and debug.
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
143
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com