Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 185 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 185 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 181Page - Texas Instruments DRA821U4...ALM Datasheet HTML 182Page - Texas Instruments DRA821U4...ALM Datasheet HTML 183Page - Texas Instruments DRA821U4...ALM Datasheet HTML 184Page - Texas Instruments DRA821U4...ALM Datasheet HTML 185Page - Texas Instruments DRA821U4...ALM Datasheet HTML 186Page - Texas Instruments DRA821U4...ALM Datasheet HTML 187Page - Texas Instruments DRA821U4...ALM Datasheet HTML 188Page - Texas Instruments DRA821U4...ALM Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 252 page
background image
Table 7-42. I3C Open Drain Timing Parameters
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
D1
tLOW_OD
Low Period of SCL Clock
Controller
200
ns
tDIG_OD_L
tLOW_OD
MIN +
tFDA_OD
MIN
ns
D2
tHIGH
High Period of SCL Clock
Controller
41
ns
tDIG_H
tHIGH + tCF
ns
D3
tfDA_OD
Fall Time of SDA Signal
Controller, Target
tCF
12
ns
D4
tSU_OD
SDA Data Setup Time During Open Drain Mode
Controller, Target
3
ns
D5
tCAS
Clock After START (S) Condition
Controller,
ENTAS0
38.4
1000
ns
Controller,
ENTAS1
38.4
100000
ns
Controller,
ENTAS2
38.4
2000000
ns
Controller,
ENTAS3
38.4
50000000
ns
D6
tCBP
Clock Before STOP (P) Condition
Controller
tCAS MIN /
2
ns
D7
tMMOVERLAP
Current Controller to Secondary Controller Overlap
time during handoff
Controller
tDIG_OD_L
min
ns
D8
tAVAL
Bus Available Condition
Controller
1000
ns
D9
tIDLE
Bus Idle Condition
Controller
1000000
ns
D10
tMMLOCK
Time Internal Where New Controller Not Driving SDA
Low
Controller
tAVALmin
ns
1. This is approximately equal to tLOWmin + tDS_ODmin + trDA_ODtyp + tSU_Odmin.
2. The Controller may use a shorter Low period if the Controller knows that this is safe, when SDA is already
above VIH.
3. Based on tSPIKE, rise and fall times, and interconnect.
4. This maximum High period may be exceeded when the signals can be safely seen by Legacy I2C Devices,
and/or in consideration of the interconnect (for example: a short Bus).
5. On a Legacy Bus where I2C Devices need to see Start, the tCAS Min value is further constrained.
6. Targets that do not support the optional ENTASx CCCs shall use the tCAS Max value shown for ENTAS3.
7. On a Mixed Bus with Fm Legacy I2C Devices, tAVAL is 300ns shorter than the Fm Bus Free Condition time
(tBUF).
- Open drain with weak pull-up
- Open drain with weak pull-up
I3C_TIMING_01
SCL
SDA
D2
D1
D3
D6
Start
Stop
Repeated
Start
Stop
0.7xVDD
0.3xVDD
0.7xVDD
0.3xVDD
D4
D5
Figure 7-75. I3C Open Drain Timing
Table 7-43. I3C Push-Pull Timing Parameters for SDR and HDR-DDR Modes
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
D1
fSCL
SCL Clock Period
Controller
80
100000
ns
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
185
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com