Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 224 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 224 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 220Page - Texas Instruments DRA821U4...ALM Datasheet HTML 221Page - Texas Instruments DRA821U4...ALM Datasheet HTML 222Page - Texas Instruments DRA821U4...ALM Datasheet HTML 223Page - Texas Instruments DRA821U4...ALM Datasheet HTML 224Page - Texas Instruments DRA821U4...ALM Datasheet HTML 225Page - Texas Instruments DRA821U4...ALM Datasheet HTML 226Page - Texas Instruments DRA821U4...ALM Datasheet HTML 227Page - Texas Instruments DRA821U4...ALM Datasheet HTML 228Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 252 page
background image
8.3.4.10 ESM
The Error Signaling Module (ESM) aggregates events and/or errors from throughout the device into one location.
It can signal both low and high priority interrupts to a processor to deal with an event and/or manipulate an I/O
error pin to signal an external hardware that an error has occurred. Therefore an external controller is able to
reset the device or keep the system in a safe, known state.
For more information, see Error Signaling Module (ESM) section in Peripherals chapter in the device TRM.
8.3.4.11 EQEP
The Enhnanced Quadrature Encoder Pulse (EQEP) peripheral is used for direct interface with a linear or rotary
incremental encoder to get position, direction and speed information from a rotating machine for use in high
performance motion and position control system. The disk of an incremental encoder is patterned with a single
track of slots patterns. These slots create an alternating pattern of dark and light lines. The disk count is
defined as the number of dark/light line pairs that occur per revolution (lines per revolution). As a rule, a second
track is added to generate a signal that occurs once per revolution (index signal: QEPI), which can be used
to indicate an absolute position. Encoder manufacturers identify the index pulse using different terms such as
index, marker, home position and zero reference.
For more information, see Enhanced Quadrature Encoder Pulse (EQEP) Module section in Peripherals chapter
in the device TRM.
8.3.4.12 GPIO
The General-Purpose Input/Output (GPIO) peripheral provides dedicated general-purpose pins that can be
configured as either inputs or outputs. When configured as an output, the user can write to an internal register to
control the state driven on the output pin. When configured as an input, user can obtain the state of the input by
reading the state of an internal register.
In addition, the GPIO peripheral can produce host CPU interrupts and DMA synchronization events in different
interrupt/event generation modes.
For more information, see General-Purpose Interface (GPIO) section in Peripherals chapter in the device TRM.
8.3.4.13 GPMC
The General-Purpose Memory Controller is a unified memory controller dedicated for interfacing with external
memory devices like:
• Asynchronous SRAM-like memories and application-specific integrated circuit (ASIC) devices
• Asynchronous, synchronous, and page mode (available only in non-multiplexed mode) burst NOR flash
devices
• NAND flash
• Pseudo-SRAM devices
For more information, see General-Purpose Memory Controller (GPMC) section in Peripherals chapter in the
device TRM.
8.3.4.14 Hyperbus
The Hyperbus module is a part in the device Flash Subsystem (FSS).
The Hyperbus module is a low pin count memory interface that provides high read/write performance. The
Hyperbus module connects to Hyperbus memory (HyperFlash or HyperRAM) and uses simple Hyperbus
protocol for read and write transactions.
There is one Hyperbus™ module inside the device. The Hyperbus module includes one Hyperbus Memory
Controller (HBMC).
For more information, see Hyperbus Interface section in Peripherals chapter in the device TRM.
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
224
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com