Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 14 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 10Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 11Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 12Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 13Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 14Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 15Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 16Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 17Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
Table 7. Device operating conditions (continued)
Symbol
Parameter
Conditions
Min
Typ
Max1
Unit
TJ11
Junction temperature
—
–40
—
150
°C
FXTAL
XOSC Crystal Frequency13
—
—
40
—
MHz
AFE Bypass Modes Only
Single-Ended External Clock14
EXTALclk
EXTAL external clock
frequency
40
MHz
Vinxoscjit
EXTAL external clock Cycle to
Cycle Jitter (RMS)
—
—
—
2.515
ps
Vinxoscclkvil
EXTAL external clock input
low voltage
—
0
—
0.4
V
Vinxoscclkvih
EXTAL external clock input
high voltage
—
1
—
1.23
V
tr/tf
Rise/fall time of EXTAL
external clock input
1
ns
tdc
Duty Cycle of EXTAL external
clock input
47
50
53
%
Differential LVDS External Clock
LVDSclk
LVDS external clock
frequency
40
MHz
LVDSVinxoscclk
LVDS external clock input
voltage
0
1.36
V
LVDSVinxoscclk(p-p) LVDS external clock input
voltage (peak-peak)
Voltage driven,
AC coupled
Differential
0.45
0.70
1.12
V
LVDSIinxoscclk
LVDS external clock input
current
Current driven,
DC coupled.
3.0
3.5
4.0
mA
LVDSVinxoscjit
LVDS external clock Jitter
(RMS) 15
2.5
ps
tr /tf
Rise/fall time of LVDS
external clock input
20% - 80%
1.5
ns
tdcLVDS
Duty Cycle of LVDS external
clock input
47
50
53
%
1. Full functionality cannot be guaranteed when voltages are out of the recommended operating conditions.
2. Min voltage takes into account the LVD variation.
3. Max voltage takes into account HVD variation.
4. Aurora supply must connect to core supply voltage at board level.
5. The ground connection for the VDD_HV_FLA is shared with VSS.
6. Supply range does not take into account HVD levels. Full range can be achieved after power-up, if HVD is disabled. See
Voltage regulator electrical characteristics section for details.
7. Around common mode voltage of 0.7 V. Input voltage cannot exceed 1.4 V prior to AFE start-up completion (VREF and
VREGs on and LVDs cleared).
8. SDADC input voltage full scale is 1.2 Vpp
9. On channels shared between ADC0 and 1, VDD_HV_ADCREFx is the lower of VDD_HV_ADCREF0/1.
10. VDD_LV_DPHY supply should be shorted to core supply voltage VDD on board. Refer to AN5251. Contact your NXP sales
representative for details.
General
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
14
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com