Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 75 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 70Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 71Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 72Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 73Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 74Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 75Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 76Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 77Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 78Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 75 / 78 page
background image
PHASE1,2
PHASE3
DRUN
Reset Sequence Trigger
Reset Sequence Start Condition
RESET_B
Application
Flash
Init
Device
TFRL, min < TRESET < TFRL, max
execution
config
Figure 45. Functional reset sequence long
PHASE3
DRUN
Reset Sequence Trigger
Reset Sequence Start Condition
RESET_B
Application
Execution
TFRS, min < TRESET < TFRS, max
Figure 46. Functional reset sequence short
The reset sequences shown in Figure 45 and Figure 46 are triggered by functional reset
events. RESET is driven low during these two reset sequences only if the corresponding
functional reset source (which triggered the reset sequence) was enabled to drive
RESET_B low for the duration of the internal reset sequence. See the RGM_FBRE
register in the device reference manual for more information.
18 Power sequencing requirements
The device does not require any specific power sequencing as far as user follows
recommendations in this section.
Either ramp VDD_HV_IO and VDD_HV_PMU together or ramp V DD_HV_IO before
VDD_HV_PMU such that the two supplies always maintain 100 mV or less difference, when
using internal regulation mode. VDD_LV_DPHY and VDD_LV_CORE are to be driven from
same source. VDD_HV_IO, VDD_HV_IO_RGMII, VDD_HV_IO_PWM and VDD_HV_IO_LFAST
supplies should be treated as a single supply from board perspective.
As mentioned in the previous section, it is expected that the external ASIC which powers
up the device in external regulation mode deasserts VREG_POR_B pin only when all the
power supplies to the design are in operating range.
Power sequencing requirements
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com