Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 21 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 17Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 18Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 19Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 20Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 21Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 22Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 23Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 24Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
Table 12. ESD ratings (continued)
No.
Symbol
Parameter
Conditions1
Class
Max value2
Unit
conforming to AEC-
Q100-002
2
VESD(CDM)
Electrostatic discharge
(Charged Device Model)
TA = 25 °C
conforming to AEC-
Q100-011
C3A
5003
750 (corners)
V
1. All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
2. Data based on characterization results, not tested in production.
3. 500 V for non-AFE pins, 250 V for AFE pins.
I/O Parameters
5.1 I/O pad DC electrical characteristics
NMI, TCK, TMS, JCOMP are treated as GPIO.
Table 13. I/O pad DC electrical specifications
Symbol
Parameter
Value
Unit
Min
Max
Vih_hys
CMOS Input Buffer High Voltage (with hysteresis
enabled)
0.65*VDD_HV_IO VDD_HV_IO + 0.3
V
Vil_hys
CMOS Input Buffer Low Voltage (with hysteresis
enabled)
-0.3
0.35*VDD_HV_IO
V
Vih
CMOS Input Buffer High Voltage (with hysteresis
disabled)
0.55 * VDD_HV_IO VDD_HV_IO + 0.3
V
Vil
CMOS Input Buffer Low Voltage (with hysteresis
disabled)
-0.3
0.40 * VDD_HV_IO
V
Vhys
CMOS Input Buffer Hysteresis
0.1 * VDD_HV_IO
—
V
VihTTL
TTL Input high level voltage (All SAR_ADC input pins)
2
VDD_HV_ADCREFx
+ 0.3
V
VilTTL
TTL Input low level voltage (All SAR_ADC input pins)
-0.3
0.56
V
VhystTTL
TTL Input hysteresis voltage (All SAR_ADC input pins)
0.3
—
V
Pull_Ioh
Weak Pullup Current1
10
55
µA
Pull_Iol
Weak Pulldown Current2
10
55
µA
Iinact_d
Digital Pad Input Leakage Current (weak pull inactive)
-2.5
2.5
µA
Voh
Output High Voltage3
0.8 * VDD_HV_IO
—
V
Vol
Output Low Voltage4
—
0.2 * VDD_HV_IO
V
Ioh_f
Full drive Ioh5 (ipp_sre[1:0] = 11)
18
70
mA
Iol_f
Full drive Iol5 (ipp_sre[1:0] = 11)
21
120
mA
Ioh_h
Half drive Ioh5 (ipp_sre[1:0] = 10)
9
35
mA
Iol_h
Half drive Iol5 (ipp_sre[1:0] = 10)
10.5
60
mA
5
I/O Parameters
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com