Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 7Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 8Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 9Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 10Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 11Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 12Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 13Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 14Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
Table 4. Performance (continued)
Perf (MHz)
Z7
Z7
Z4
Z4
V
200
200
100
100
J
266
266
133
133
Table 5. Temperature values
Temperature
TA
M
-40 oC to 125 oC
V
-40 oC to 105 oC
General
4.1 Absolute maximum ratings
NOTE
Functional operating conditions appear in the DC electrical
characteristics. Absolute maximum ratings are stress ratings
only, and functional operation at the maximum values is not
guaranteed.
Stress beyond the listed maximum values may affect device
reliability or cause permanent damage to the device.
Table 6. Absolute maximum ratings
Symbol
Parameter
Conditions
Min
Max
Unit
VDD_HV_PMU
3.3 V PMU supply voltage
—
–0.3
4.01, 2
V
VDD_HV_REG3V8
REG3V8 Supply Voltage
—
–0.3
5.5
V
VDD_HV_IO*
3.3 V Input/Output Supply Voltage, LFAST IO
Supply, RGMII IO Supply and PWM IO Supply
—
–0.3
3.631, 2
V
VSS_HV_IOx
Input/output ground voltage
—
–0.1
0.1
V
VDD_HV_FLA
3.3 V flash supply voltage
—
–0.3
3.631, 2
V
VDD_HV_RAW
AFE RAW supply voltage
—
–0.1
4
V
VDD_HV_DAC
AFE DAC supply voltage
—
–0.1
4
V
VDD_LV_IO*
Aurora supply voltage
—
–0.3
1.5
V
VDD
1.25 V core supply voltage3, 4, 5
—
–0.3
1.5
V
VSS
1.25 V core supply ground3, 4, 5
—
–0.3
0.3
V
VSS_LV_OSC
Oscillator amplifier ground
—
–0.1
0.1
V
Table continues on the next page...
4
General
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com