Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 20 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 16Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 17Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 18Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 19Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 20Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 21Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 22Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 23Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
Table 11. Radar AFE External Components (continued)
Component
Component
Value
Tolerance
Placement
Priority of
larger cap. 1
Placement
Priority of
smaller cap1
Special notes
C18
10 μF
—
1
—
X7R type
C19
220 nF
—
—
—
Sigma Delta ADC input capacitor. See Figure
9
C20
220 nF
—
—
—
Sigma Delta ADC input capacitor. See Figure
9
R1
40.2 kΩ
±0.1%
—
—
tempco = 25ppm/C
R2
300 Ω
—
—
—
DAC Rl See Table 27
R3
300 Ω
—
—
—
DAC Rl See Table 27
Crystal
40MHz
—
—
—
Connected between XOSC_EXTAL/
XOSC_XTAL, ESR ≤ 30Ω
1. All Radar AFE external bypass capacitors should be placed as close as possible to the associated package pin. As shown
in Radar AFE External Components Configuration figure, most pins have two values of bypass capacitor. Greater than 0.1
μF is referred to as the larger cap. 0.1 μF is referred to as the smaller cap.
4.5 Electromagnetic Compatibility (EMC) specifications
EMC measurements to IC-level IEC standards are available from NXP on request.
4.6 Electrostatic discharge (ESD) characteristics
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts × (n + 1) supply pin). This
test conforms to the AEC-Q100-002/-003/-011 standard.
NOTE
A device will be defined as a failure if after exposure to ESD
pulses the device no longer meets the device specification
requirements. Complete DC parametric and functional testing
shall be performed per applicable device specification at room
temperature followed by hot temperature, unless specified
otherwise in the device specification.
Table 12. ESD ratings
No.
Symbol
Parameter
Conditions1
Class
Max value2
Unit
1
VESD(HBM)
Electrostatic discharge
(Human Body Model)
TA = 25 °C
H1C
2000
V
Table continues on the next page...
General
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
20
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com