Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 76 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 70Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 71Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 72Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 73Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 74Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 75Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 76Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 77Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 78Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 76 / 78 page
background image
It should be noted that LVD and HVD detectors on VDD supply are disabled by default
in external regulation mode for preventing a conflict with external regulator operation but
they can be enabled by software once design is powered up.
While designing the system, it is important to ensure that AFE supplies are powered up
before data is sent on its input pads.
Pinouts
19.1 Package pinouts and signal descriptions
For package pinouts and signal descriptions, refer to the Reference Manual.
20 Revision History
Table 58. Revision History
Revision
Date
Description
Rev 4
May, 2018
• Removed section "4.1 Introduction".
• Removed section "3.2 Format".
• In Fields, removed figure "Commercial product code structure".
• In Nexus Aurora debug port timing, added tEVTIPW row.
• In Ethernet switching specifications changed the following:
• Updated the figure RMII/MII serial management channel timing diagram.
• In Ethernet MDIO timing table changed MDC10 Min value and MDC11 Max value.
• Extensively updated Table 32.
• In Table 7, changed Vinxoscclkvih Max value from 1.2 to 1.23.
• In Table 25, added rows for the symbols tsampleC, tsampleS,tsampleBG, and tsampleTS.
• In Table 6, changed VINA maximum value to 6.0.
• Added the following footnotes in Absolute maximum ratings :
• The maximum value limits of injection current and input voltage both must be
followed together for proper device operation.
• The maximum value of 10 mA applies to pulse injection only. DC current injection is
limited to a maximum of 5 mA.
• In Table 7, changed VINA maximum value to VDD_HV_ADCREFx.
• In Table 2 :
• Changed part from FS32R274KBK2MMM to FS32R274KSK2MMM and changed
configuration from "B" to "S"
• Changed part from FS32R274KBK2VMM to FS32R274KSK2VMM and changed
configuration from "B" to "S"
• Added "B or S" to Table 3
Rev 5
July 03,
2018
• In Table 6, Removed footnote on IINJPAD.
Rev 5
April 30,
2019
• In Table 1, added information for 266 MHz frequency parts .
• In Table 2, added the rows for "FS32R274JSK2MMM", "FS32R264KBK0MMM",
"FS32R264KCK0MMM", "FS32R264JBK0MMM" and "FS32R264JCK0MMM".
• Added the feature changes for S32R264 with respect to S32R274 in Feature list.
Table continues on the next page...
19
Pinouts
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
76
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com