Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 17 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 13Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 14Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 15Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 16Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 17Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 18Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 19Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 20Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
Table 9. Voltage regulator electrical specifications (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FSMPS
Internal switched regulator operating
frequency without modulation
Untrimmed
0.65
1.00
1.35
MHz
Trimmed
0.93
1.00
1.07
MHz
FSMPS-M7.5
Internal switched regulator frequency
modulation
—
—
7.5
—
%
FSMPS-M15
—
—
15
—
%
FSMPS-M30
—
—
30
—
%
VREGSWPUP
Internal switched regulator gate-driver pull-
up resistance2
—
—
—
—
—
VREF_BG_T
PMC bandgap reference voltage for
SARADC
Trimmed
1.20
1.22
1.237
V
Vih (VREG_POR_B)
VREG_POR_B pin High Voltage level
—
0.7 x
VDD_H
V_PMU
—
VDD_H
V_PMU
+ 0.3
V
Vil (VREG_POR_B)
VREG_POR_B pin Low Voltage level
—
-0.3
—
0.3 x
VDD_H
V_PMU
V
LVDAFER
Low Voltage Detection 3.3V Release (AFE
VDD_HV_DAC and VDD_HV_RAW
supplies)
2.75
2.80
2.90
V
LVDAFEE
Low Voltage Detection 3.3V Engage (AFE
VDD_HV_DAC and VDD_HV_RAW
supplies)
2.68
2.77
2.86
V
1. Min/Max includes transient load conditions. Steady state voltage is within the core supply operating specifications.
2. There is a strong pull up from VREG_SWP to VDD_HV_REG3V8 which is connected when SMPS is disabled. The pullup
has resistance less than 1 Kohm, therefore VREG_SWP should not be connected to ground if unused.
General
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com