Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 16 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 12Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 13Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 14Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 15Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 16Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 17Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 18Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 19Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
4.4 Voltage regulator electrical characteristics
Table 9. Voltage regulator electrical specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
POR-R
1.25 V VDD core POR release
—
0.97
1.02
1.06
V
POR-E
1.25 V VDD core POR engage
—
0.93
0.98
1.02
V
LVD12R
Low-Voltage Detection 1.25 V release (Core
VDD supply, and PLL0/1 supply LVDs)
Untrimmed
1.122
1.157
1.192
V
LVD12R-trim
Trimmed
1.142
1.157
1.172
V
LVD12E
Low-Voltage Detection 1.25 V engage (Core
VDD supply and PLL0/1 supply LVDs)
Untrimmed
1.102
1.137
1.172
V
LVD12E-trim
Trimmed
1.122
1.137
1.152
V
HVD12R-trim
High-Voltage Detection 1.25 V release
(Core VDD)
Trimmed
1.33
1.35
1.37
V
HVD12E-trim
High-Voltage Detection 1.25 V engage
(Core VDD supply)
Trimmed
1.36
1.38
1.40
V
LVD_MIPI12R-trim
Low-Voltage Detection 1.25V release
(MIPICSI2 DPHY supply)
—
1.130
1.157
1.184
V
LVD_MIPI12E-trim
Low-Voltage Detection 1.25V engage
(MIPICSI2 DPHY supply)
—
1.111
1.137
1.163
V
POR-R-
VDD_HV_PMU
3.3 V PMU supply voltage POR release
threshold
—
2.54
2.645
2.735
V
POR-E-
VDD_HV_PMU
3.3 V PMU supply voltage POR engage
threshold
—
2.50
2.60
2.695
V
LVD33R
3.3V Low-Voltage Detection Release
Threshold (PMC, FLASH, IO, ADC)
Untrimmed
2.90
3.02
3.13
V
LVD33R-trim
Trimmed
3.00
3.05
3.10
V
LVD33E
3.3V Low-Voltage Detection Engage
Threshold (PMC, FLASH, IO, ADC)
Untrimmed
2.86
2.98
3.09
V
LVD33E-trim
Trimmed
2.96
3.01
3.06
V
HVD33R
3.3V High-Voltage Detection Release
Threshold (ADC)
Untrimmed
3.45
3.61
3.75
V
HVD33R-trim
Trimmed
3.47
3.53
3.58
V
HVD33E
3.3V High-Voltage Detection Engage
Threshold (ADC)
Untrimmed
3.51
3.65
3.79
V
HVD33E-trim
Trimmed
3.51
3.57
3.62
V
UVL30R
SMPS under-voltage lockout release
threshold
Untrimmed
2.75
2.90
3.05
V
UVL25E
SMPS under-voltage lockout engage
threshold
2.40
2.55
2.7
V
DGLITCHE
Voltage Detector Deglitcher Filter Time -
Engage
—
2.0
3.5
5
µs
DGLITCHR
Voltage Detector Deglitcher Filter Time -
Release
—
5
7
12
µs
RSTDGLTC
VREG_POR_B Input Deglitch Filter Time
—
200
320
500
ns
RSTPUP
VREG_POR_B Pin Pull-up Resistance
—
37
75
150
kΩ
REGENPUP
VREG_SEL Pin Pull-up Resistance
—
37
75
150
kΩ
VSMPS
Internal switched regulator output voltage 1 Load Current from 10
mA to 1.8 A
1.19
1.255
1.35
V
Table continues on the next page...
General
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
16
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com