Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 40 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 36Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 37Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 38Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 39Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 40Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 41Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 42Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 43Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
Table 31. Flash memory AC timing specifications (continued)
Symbol
Characteristic
Min
Typical
Max
Units
tres
Time from clearing the MCR-ESUS or PSUS bit with EHV = 1
until DONE goes low.
—
—
100
ns
tdone
Time from 0 to 1 transition on the MCR-EHV bit initiating a
program/erase until the MCR-DONE bit is cleared.
—
—
5
ns
tdones
Time from 1 to 0 transition on the MCR-EHV bit aborting a
program/erase until the MCR-DONE bit is set to a 1.
—
16
plus four
system
clock
periods
20.8
plus four
system
clock
periods
μs
tdrcv
Time to recover once exiting low power mode.
16
plus seven
system
clock
periods.
—
45
plus seven
system
clock
periods
μs
taistart
Time from 0 to 1 transition of UT0-AIE initiating a Margin Read
or Array Integrity until the UT0-AID bit is cleared. This time also
applies to the resuming from a suspend or breakpoint by
clearing AISUS or clearing NAIBP
—
—
5
ns
taistop
Time from 1 to 0 transition of UT0-AIE initiating an Array
Integrity abort until the UT0-AID bit is set. This time also applies
to the UT0-AISUS to UT0-AID setting in the event of a Array
Integrity suspend request.
—
—
80
plus fifteen
system
clock
periods
ns
tmrstop
Time from 1 to 0 transition of UT0-AIE initiating a Margin Read
abort until the UT0-AID bit is set. This time also applies to the
UT0-AISUS to UT0-AID setting in the event of a Margin Read
suspend request.
10.36
plus four
system
clock
periods
—
20.42
plus four
system
clock
periods
μs
8.6 Flash memory read wait-state and address-pipeline control
settings
The following table describes the recommended settings of the Flash Memory
Controller's PFCR1,2,3[RWSC] and PCRC1,2,3[APC] fields at various operating
frequencies, based on specified intrinsic flash memory access timed of the Flash memory.
Table 32. Flash read wait state and address pipeline control guidelines
Operating Frequency (fsys = SYS_CLK)
RWSC
APC
Flash read latency on
min-cache miss (# of
fcpu clock periods)
Flash read latency
on mini-cache hit (#
of fcpu clock
periods)
0 MHz < fsys <= 33 MHz
0
0
3
1
Table continues on the next page...
Memory modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
40
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com