Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 38 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 34Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 35Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 36Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 37Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 38Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 39Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 40Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 41Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
8.2 Flash memory Array Integrity and Margin Read specifications
Table 29. Flash memory Array Integrity and Margin Read specifications
Symbol
Characteristic
Min
Typical
Max1
Units
2
tai16kseq
Array Integrity time for sequential sequence on 16 KB block.
—
—
512 x
Tperiod x
Nread
—
tai32kseq
Array Integrity time for sequential sequence on 32 KB block.
—
—
1024 x
Tperiod x
Nread
—
tai64kseq
Array Integrity time for sequential sequence on 64 KB block.
—
—
2048 x
Tperiod x
Nread
—
tai256kseq
Array Integrity time for sequential sequence on 256 KB block.
—
—
8192 x
Tperiod x
Nread
—
tmr16kseq
Margin Read time for sequential sequence on 16 KB block.
73.81
—
110.7
μs
tmr32kseq
Margin Read time for sequential sequence on 32 KB block.
128.43
—
192.6
μs
tmr64kseq
Margin Read time for sequential sequence on 64 KB block.
237.65
—
356.5
μs
tmr256kseq
Margin Read time for sequential sequence on 256 KB block.
893.01
—
1,339.5
μs
1. Array Integrity times need to be calculated and is dependent on system frequency and number of clocks per read. The
equation presented require Tperiod (which is the unit accurate period, thus for 200 MHz, Tperiod would equal 5e-9) and
Nread (which is the number of clocks required for read, including pipeline contribution. Thus for a read setup that requires
6 clocks to read with no pipeline, Nread would equal 6. For a read setup that requires 6 clocks to read, and has the
address pipeline set to 2, Nread would equal 4 (or 6 - 2).)
2. The units for Array Integrity are determined by the period of the system clock. If unit accurate period is used in the
equation, the results of the equation are also unit accurate.
8.3 Flash memory module life specifications
Table 30. Flash memory module life specifications
Symbol
Characteristic
Conditions
Min
Typical
Units
Array P/E
cycles
Number of program/erase cycles per block
for 16 KB, 32 KB and 64 KB blocks.1
—
250,000
—
P/E
cycles
Number of program/erase cycles per block
for 256 KB blocks.2
—
1,000
250,000
P/E
cycles
Data
retention
Minimum data retention.
Blocks with 0 - 1,000 P/E
cycles.
50
—
Years
Blocks with 100,000 P/E
cycles.
20
—
Years
Blocks with 250,000 P/E
cycles.
10
—
Years
1. Program and erase supported across standard temperature specs.
2. Program and erase supported across standard temperature specs.
Memory modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
38
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com