Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 35 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 31Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 32Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 33Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 34Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 35Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 36Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 37Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 38Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
Table 26. Sigma Delta ADC Parameters (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
OEV
Offset Variation
t = 50 ms, T = constant, data averaged in 1
ms increments
-0.07
—
0.07
mV
Vcm
Common Mode
Voltage2
SDADC switched on
—
vdda/2 –
30 mV
—
V
xtalk
Crosstalk (from any
ADC to the other
ADCs)
Processing a full scale signal.
—
—
-40
dB
Zin
Input Impedance
Maximum input impedance occurs for input
signals at 20 KHz and minimum input
impedance occurs at input frequencies
greater than 1 MHz3
7.3
—
33.5
kΩ
Rcm
Resistance from
each SDADC input to
Vcm (see Figure 9)
-
27.3
32.2
37.0
kΩ
R_SDADC
Resistance from
each SDADC input
pin to differential
amplifier input (see
Figure 9)
-
9.0
10.75
12.5
kΩ
C_SDADC
SDADC integrator
capacitors (see
Figure 9)
-
0.636
0.684
0.732
pF
Cin parasitic
parasitic input
capacitance from
ADC input to ground
-
2.0
3.9
4.9
pF
DT
Analog Delay
Variation
(ADCx to ADCy)
—
1
ns
AA
Alias Suppression
ADC input frequency between 315 and 325
MHz
50
—
—
dB
STFoob
ADC out of band
Signal Transfer
Function peaking
Out of band Signal Transfer function peaking
from 20 MHz to 40 MHz
0
2
3
dB
PR
passband ripple
From 20 KHz to 4 MHz (default decimation
filter coefficients must be used)
-0.5
0.0
0.5
dB
OOBA4
Out Of Band
Attenuation
Default decimation filter coefficients must be
used
5 MHz
6 MHz
7 MHz
10 MHz
15 MHz
-4.5
-10
-20
-40
-60
—
—
dB
1. Derate specification by 2 dBFS for Tj less than 0°C.
2. vdda is an internally regulated and trimmed 1.45V ± 10mV voltage.
3. The input structure of the ADC is an active RC integrator which has a frequency dependent input impedance as indicated
in ADC input equivalent circuit.
4. All attenuation values are relative to 0 dB in the ADC passband.
Analog modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com