Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 41 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 37Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 38Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 39Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 40Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 41Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 42Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 43Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 44Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
Table 32. Flash read wait state and address pipeline control guidelines (continued)
Operating Frequency (fsys = SYS_CLK)
RWSC
APC
Flash read latency on
min-cache miss (# of
fcpu clock periods)
Flash read latency
on mini-cache hit (#
of fcpu clock
periods)
33 MHz < fsys <= 100 MHz
2
1
5
1
100 MHz < fsys <= 120 MHz
3
1
6
1
Communication modules
9.1 Ethernet switching specifications
The following timing specs are defined at the chip I/O pin and must be translated
appropriately to arrive at timing specs/constraints for the physical interface.
9.1.1 MII signal switching specifications
The following timing specs meet the requirements for MII style interfaces for a range of
transceiver devices.
• Measurements are with input transition of 1 ns and output load of 25 pF.
Table 33. MII signal switching specifications
Symbol
Description
Min.
Max.
Unit
—
RXCLK frequency
—
25
MHz
MII1
RXCLK pulse width high
35%
65%
RXCLK
period
MII2
RXCLK pulse width low
35%
65%
RXCLK
period
MII3
RXD[3:0], RXDV, RXER to RXCLK setup
5
—
ns
MII4
RXCLK to RXD[3:0], RXDV, RXER hold
5
—
ns
—
TXCLK frequency
—
25
MHz
MII5
TXCLK pulse width high
35%
65%
TXCLK
period
MII6
TXCLK pulse width low
35%
65%
TXCLK
period
MII7
TXCLK to TXD[3:0], TXEN, TXER invalid
2
—
ns
MII8
TXCLK to TXD[3:0], TXEN, TXER valid
—
25
ns
9
Communication modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com