Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 52 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 48Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 49Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 50Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 51Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 52Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 53Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 54Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 55Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
Table 42. LFAST electrical characteristics
(continued)
Symbol
Parameter
Conditions1
Value
Unit
Min
Typ
Max
TPD2NM_TX
Transmitter startup time
(power down to normal
mode)3
—
—
0.2
2
µs
TSM2NM_TX
Transmitter startup time
(sleep mode to normal
mode)4
—
—
0.2
0.5
µs
TPD2NM_RX
Receiver startup time5
(Power down to Normal
mode)
—
—
20
40
ns
TPD2SM_RX
Receiver startup time4
(Power down to Sleep
mode)
—
—
20
50
ns
TRANSMITTER
VOS_DRF
Common mode voltage
—
1.08
—
1.32
V
|
ΔVOD_DRF|
Differential output voltage
swing (terminated)
—
±100
±200
± 285
mV
TTR_DRF
Rise/Fall time (10% - 90% of
swing)
—
0.26
—
1.5
ns
ROUT_DRF
Terminating resistance
67
—
198
Ω
COUT_DRF
Capacitance6
—
—
—
5
pF
RECEIVER
VICOM_DRF
Common mode voltage
—
0.157
—
1.68
V
|DVI_DRF|
Differential input voltage
—
100
—
—
mV
VHYS_DRF
Input hysteresis
—
25
—
—
mV
RIN_DRF
Terminating resistance
80
115
150
Ω
CIN_DRF
Capacitance9
—
—
3.5
6
pF
LIN_DRF
Parasitic Inductance10
—
—
5
10
nH
TRANSMISSION LINE CHARACTERISTICS (PCB Track)
Z0
Transmission line
characteristic impedance
—
47.5
50
52.5
Ω
ZDIFF
Transmission line differential
impedance
—
95
100
105
Ω
1. VDD_VH_IOx = 3.3 V -5%,+10%, TJ = –40 / 150 °C, unless otherwise specified
2. Startup time is defined as the time taken by LFAST current reference block for settling bias current after its pwr_down
(power down) has been deasserted. LFAST functionality is guaranteed only after the startup time.
3. Startup time is defined as the time taken by LFAST transmitter for settling after its pwr_down (power down) has been
deasserted. Here it is assumed that current reference is already stable. LFAST functionality is guaranteed only after the
startup time.
4. Startup time is defined as the time taken by LFAST transmitter for settling after its pwr_down (power down) has been
deasserted. Here it is assumed that current reference is already stable. LFAST functionality is guaranteed only after the
startup time.
5. Startup time is defined as the time taken by LFAST receiver for settling after its pwr_down (power down) has been
deasserted. Here it is assumed that current reference is already stable. LFAST functionality is guaranteed only after the
startup time.
Communication modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
52
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com