Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 51 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 47Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 48Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 49Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 50Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 51Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 52Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 53Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 54Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
Data Valid
pad_p/pad_n
Differential TX
Data Lines
H
L
Tsu
lfast_pwr_down
Figure 22. Power-down exit time
Differential TX
Data Lines
pad_p/pad_n
Trise
Tfall
90%
10%
VIH
VIL
Figure 23. Rise/fall time
9.3.2 LFAST interface electrical characteristics
NOTE
While LFAST is operating and 'Ready' (nex_rdy_b) signal is
used by the debugger on PAD_132, the recommended SRE
settings are ‘00' and ‘01'. TCK should be used with low
frequency (preferably less than 10 MHz).
Table 42. LFAST electrical characteristics
Symbol
Parameter
Conditions1
Value
Unit
Min
Typ
Max
Data Rate
DATARATE
Data rate
—
—
312/320
Typ+0.1%
Mbps
STARTUP
TSTRT_BIAS
Bias startup time2
—
—
0.5
3
µs
Table continues on the next page...
Communication modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com