Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 15 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 11Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 12Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 13Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 14Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 15Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 16Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 17Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 18Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
11. While determining if the operating temperature specifications are met, either the ambient temperature or junction
temperature specification can be used. It is critical that the junction temperature specification is not exceeded under any
condition.
12. Full performance means full frequency.
13. Recommended Crystal 40 MHz (ESR≤30 Ω), 8 pF load capacitance.
14. External mode can be used as differential input with EXTAL and XTAL
15. The number is 3.5 ps when SD-ADC and/or DAC is not used in the device.
4.3 Supply current characteristics
Current consumption data is given in the following table. These specifications are design
targets and are subject to change per device characterization.
Table 8. Current consumption characteristics
Symbol
Parameter
Conditions
Min Typ Max
Unit
IDD_CORE
Core current in run mode All cores at max frequency. 1.31 V. Tj = 150°C (240
MHz)
All cores at max frequency. 1.31 V. Tj = 150°C (266
MHz)
-
-
14801
16421
mA
IDD_HV_FLA
Flash operating current
Tj = 150°C. VDD_HV_FLA = 3.6 V
-
32
403
mA
IDD_LV_AURORA Aurora operating current
Tj = 150°C. VDD_LV_AURORA = 1.31 V. 4 TX lanes
enabled.
-
-
60
mA
IDD_HV_ADC
ADC operating current
Tj = 150°C. VDD_HV_ADC = 3.6 V. 2 ADCs operating
at 80 MHz.
-
2
5
mA
IDD_HV_ADCREF Reference current per
ADC4
Reference current per
temp sensor5
Tj = 150°C. VDD_HV_ADCREFx = 3.6 V. ADC operating
at 80 MHz.
-
-
-
-
1.5
0.75
mA
IDD_HV_RAW
AFE SD and regulator
operating current
Tj = 150°C. VDD_HV_RAW = 3.6 V. SD-PLL, AFE
regulators and 4 SD enabled.
-
706
75
mA
IDD_HV_DAC
AFE DAC operating
current
Tj = 150°C. VDD_HV_DAC = 3.6 V. DAC enabled.
-
10
15
mA
IDD_HV_PMU
PMU operating current
Tj = 150°C. VDD_HV_PMU = 3.6 V. Internal
regulation enabled.
-
2
10
mA
IDD_LV_DPHY
MIPICSI2 DPHY
operating current in HS-
RX mode
Tj = 150°C, VDD_LV_DPHY =1.31 V
-
14.9 23.2
mA
1. Strong dependence on use case, cache usage.
2. Measured during flash read.
3. Peak Flash current measured during read while write (RWW) operation.
4. ADC0 and 1 on ADCREF0/1.
5. Temp sensor current when PMC_CTL_TD[TSx_AOUT_EN] = 1. TS0 on ADCREF0/1.
6. Typical number is approximately 10 mA per each SD-ADC enabled, 12 mA for SD-PLL and 15 mA for the AFE regulators.
General
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com