Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 34 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 30Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 31Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 32Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 33Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 34Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 35Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 36Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 37Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
Table 26. Sigma Delta ADC Parameters (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Characterized under the following conditions:
• 0.6 Vpp (i.e. -6 dBFS) input signals
applied at the following frequencies one
at a time: 20.77 KHz, 317.7 KHz, 857.7
KHz, 1.411 MHz, 2.95 MHz, 3.897
MHz, and 4.997 MHz and the SNR in
dBFS is then calculated.
• SNR at 5 MHz will be reduced by 5 dB
due to decimation filter roll off.
• The SNR is specified to be 67 dBFS
typical for input frequencies between 20
KHz and 4 MHz. Mismatch shaper on.
SNDRSDA_MM_ON1 Signal-to-Noise-and-
Distortion Ratio
Mismatch Shaper on
Input Frequency Range and integration
bandwidth are from 20 KHz to 5 MHz. (using
full-bandwidth decimation filter coefficients).
Production test frequencies 449 KHz and 4
MHz. Production test amplitude is -6 dBFS =
0.6 Vpp.
Characterized under the following conditions:
• 0.6 Vpp (i.e. -6 dBFS) input signals
applied at the following frequencies one
at a time: 20.77 KHz, 317.7 KHz, 857.7
KHz, 1.411 MHz, 2.95 MHz, 3.897
MHz, and 4.997 MHz and the SNDR in
dBFS is then calculated.
• SNR at 5 MHz will be reduced by 5 dB
due to decimation filter roll off.
• The SNR is specified to be 64 dBFS
typical for input frequencies between 20
KHz and 4 MHz. Mismatch shaper on.
62
64
—
dBFS
IFDRSDA
Interference Free
Dynamic Range
20 ms integration, ADC inputs tied together at
the package pin. One side of the AC coupling
capacitors associated with each input should
remain connected to the ADC input and the
other side of the capacitor should connected
to ground.
90
—
—
dBFS
IMDSDA_MM_ON
Intermodulation
Distortion Mismatch
Shaper on
Input Frequency Range and integration
bandwidth are from 20 KHz to 5 MHz (using
full-bandwidth decimation filter coefficients).
Characterized under the following conditions:
• Two distinct sets of signal pairs at the
specified frequencies and at an
amplitude of -8 dBFs (i.e. 0.23886
Vpeak = 0.47772 Vpp differential) are
applied one signal pair at a time.
• Signal pair #1 is f1 = 1 MHz and f2 =
1.1 MHz and signal pair #2 is f1 =
390.625 KHz and f2 = 546.875 KHz.
• All inter modulation products are
checked. Mismatch Shaper on.
62
—
—
dBc
GM
Gain Mismatching
(ADCx to ADCy)
-3.5
—
3.5
%
OE
Input Offset Error
—
-25
—
25
mV
Table continues on the next page...
Analog modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
34
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com