Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 62 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 58Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 59Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 60Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 61Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 62Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 63Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 64Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 65Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15
Figure 35. JTAG boundary scan timing
10.2 Nexus Aurora debug port timing
Table 47. Nexus Aurora debug port timing
#
Symbol
Characteristic
Min
Max
Unit
1
tREFCLK
Reference clock frequency
625
1250
MHz
1a
tMCYC
Reference Clock rise/fall time
—
400
ps
2
tRCDC
Reference Clock Duty Cycle
45
55
%
3
JRC
Reference Clock jitter
—
40
ps
4
tSTABILITY
Reference Clock Stability
50
—
PPM
5
BER
Bit Error Rate
—
10-12
—
6
tEVTIPW
EVTI Pulse Width
4.0
—
tTCYC
7
JD
Transmit lane Deterministic Jitter
—
0.17
OUI
8
JT
Transmit lane Total Jitter
—
0.35
OUI
Table continues on the next page...
Debug modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
62
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com