Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 7 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 3Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 4Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 5Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 6Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 7Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 8Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 9Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 10Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
• Four data lanes, with up to 1 Gbps per lane and in total
• One clock lane
• Memory Protection
• Each core memory protection unit provides 24 entries
• Data and instruction bus system memory protection Unit (SMPU) with 16 region
descriptors each
• Register protection
• Clock Generation
• 40 MHz external crystal (XOSC)
• 16 MHz Internal oscillator (IRCOSC)
• Dual system PLL with one frequency modulated phase-locked loop (FMPLL)
• Low-jitter PLL to
ΣΔ-ADC and DAC clock generation
• Functional Safety
• Enables up to ASIL-D applications
• End to end ECC ensuring full protection of all data accesses throughout the
system, from each of the systems masters through the crossbar and into the
memories and peripherals
• FCCU for fault collection and fault handling
• MEMU for memory error management
• Safe eDMA controller
• User selectable Memory BIST (MBIST) can be enabled to run out of various
reset conditions or during runtime
• Self-Test Control Unit (STCU2)
• Error Injection Module (EIM)
• On-chip voltage monitoring
• Clock Monitor Unit (CMU) to support monitoring of critical clocks
• Security
• Cryptographic Security Engine (CSE2) enabling advanced security management
• Supports censorship and life-cycle management via Password and Device
Security (PASS) module
• Diary control for tamper detection (TDM)
• Support Modules
• Global Interrupt controller (INTC) capable of routing interrupts to any CPU
• Semaphore unit to manage access to shared resources
• Two CRC computation units with four polynomials
• 32-channel eDMA controller with multiple transfer request sources using
DMAMUX
• Boot Assist Module (BAM) supports internal flash programming via a serial link
(LIN / CAN)
• Timers
• Two Periodic Interval Timers (PIT) with 32-bit counter resolution
Introduction
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com