Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 19 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 15Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 16Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 17Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 18Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 19Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 20Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 21Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 22Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
Figure 3. Radar AFE External Components Configuration
Table 11. Radar AFE External Components
Component
Component
Value
Tolerance
Placement
Priority of
larger cap. 1
Placement
Priority of
smaller cap1
Special notes
C1
0.47 μF
±35%
3
—
—
C2
0.1 μF
±35%
—
1
—
C3
1.0 μF
±35%
7
—
—
C4
1.0 μF
±35%
2
—
—
C5
0.1 μF
±35%
—
4
—
C6
1.0 μF
±35%
8
—
—
C7
0.1 μF
±35%
—
6
—
C8
1.0 μF
±35%
6
—
—
C9
0.1 μF
±35%
—
5
—
C10
1.0 μF
±35%
4
—
—
C11
0.1 μF
±35%
—
2
—
C12
1.0 μF
±35%
5
—
—
C13
0.1 μF
±35%
—
3
—
C14
1.0 μF
±35%
10
—
—
C15
0.1 μF
±35%
—
8
—
C16
1.0 μF
±35%
9
—
—
C17
0.1μF
±35%
—
7
—
Table continues on the next page...
General
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com