Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 31 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 27Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 28Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 29Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 30Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 31Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 32Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 33Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 34Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
7.1.1 Input equivalent circuit
RF
CF
RS
RL
RSW1
CP2
VDD
Sampling
Source
Filter
Current Limiter
EXTERNAL CIRCUIT
INTERNAL CIRCUIT SCHEME
RS
Source Impedance
RF
Filter Resistance
CF
Filter Capacitance
RL
Current Limiter Resistance
RSW1 Channel Selection Switch Impedance
RAD Sampling Switch Impedance
CP
Pin Capacitance (two contributions, CP1 and CP2)
CS
Sampling Capacitance
CP1
RAD
Channel
Selection
VA
CS
Figure 8. Input equivalent circuit
Table 25. ADC conversion characteristics
Symbol
Parameter
Conditions1
Min
Typ
Max
Unit
fCK
ADC Clock frequency (depends on
ADC configuration) (The duty cycle
depends on AD_CK2 frequency.)
—
20
80
80
MHz
fs
Sampling frequency
—
—
—
1.00
MHz
tsample
Sample time3
80 MHz@ 200 ohm source
impedance
275
—
—
ns
tsampleC
SAR selftest C-algorithm sample time —
300
—
—
ns
TsampleS
SAR selftest S-algorithm sample time —
1
—
—
µs
TsampleBG
Bandgap sample time
—
1.87
—
—
µs
TsampleTS
Temperature sensor sample time
—
3.18
—
—
µs
tconv
Conversion time4
80 MHz
650
—
—
ns
CS, 5
ADC input sampling capacitance
—
—
3
5
pF
CP15
ADC input pin capacitance 1
—
—
—
5
pF
CP25
ADC input pin capacitance 2
—
—
—
0.8
pF
RSW15
Internal resistance of analog source
VREF range = 3.0 to 3.6 V
—
—
875
Ω
RAD5
Internal resistance of analog source
—
—
—
825
Ω
INL
Integral non-linearity
—
–2
—
2
LSB
DNL
Differential non-linearity6
—
–1
—
1
LSB
OFS
Offset error
—
–4
—
4
LSB
GNE
Gain error
—
–4
—
4
LSB
Table continues on the next page...
Analog modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
NXP Semiconductors
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com