Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS32R274VCK2MMM Datasheet(PDF) 48 Page - NXP Semiconductors

Part # FS32R274VCK2MMM
Description  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VCK2MMM Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button FS32R274VCK2MMM Datasheet HTML 44Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 45Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 46Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 47Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 48Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 49Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 50Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 51Page - NXP Semiconductors FS32R274VCK2MMM Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
Table 38. TxD output characteristics (continued)
Name
Description1
Min
Max
Unit
(=dCCTxD50% - 100 ns)
dCCTxDRISE25+dCCTx
DFALL25
Sum of Rise and Fall time of TxD signal at the output
—
9
ns
dCCTxD01
Sum of delay between Clk to Q of the last FF and the final
output buffer, rising edge
—
25
ns
dCCTxD10
Sum of delay between Clk to Q of the last FF and the final
output buffer, falling edge
—
25
ns
1. All parameters specified for VDD_HV_IOx = 3.3 V -5%, +10%, TJ = –40 °C / 150°C, TxD pin load maximum 25 pF
dCCTxD10
dCCTxD01
TxD
PE_Clk
*
*FlexRay Protocol Engine Clock
Figure 20. FlexRay TxD signal propagation delays
9.2.3 RxD
Table 39. RxD input characteristic
Name
Description1
Min
Max
Unit
C_CCRxD
Input capacitance on RxD pin
—
7
pF
uCCLogic_1
Threshold for detecting logic high
35
70
%
uCCLogic_0
Threshold for detecting logic low
30
65
%
dCCRxD01
Sum of delay from actual input to the D
input of the first FF, rising edge
—
10
ns
dCCRxD10
Sum of delay from actual input to the D
input of the first FF, falling edge
—
10
ns
1. All parameters specified for VDD_HV_IOx = 3.3 V -5%, +10%, TJ = –40 / 150 °C
Communication modules
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
48
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com